Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7111 Datasheet (PDF) - NEC

LD7111 Datasheet PDF - NEC
Part # LD7111
Download  LD7111 Download
File Size   57.97 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 17 GHz BAND, 1.7 kW, HIGH EFICIENCY, HIGH POWER GAIN

LD7111 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD7111 Datasheet PDF - NEC

Part # LD7111
Download  LD7111 Click to download

File Size   57.97 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 17 GHz BAND, 1.7 kW, HIGH EFICIENCY, HIGH POWER GAIN

LD7111 Datasheet (HTML) - NEC


LD7111 Product details

GENERAL DESCRIPTION
The series of NEC LD7111 is a five-cavity Klystron Amplifier and ideal for use in the earth-to-satellite communication systems. These are designed for operating at 1.7 kW CW over the frequency range of 17.3 to 18.4 GHz.

FEATURES
○ Compact and Light Weight (27 kg approx.)
○ High Efficiency (The DC to RF conversion efficiency is typically 23 % or higher.)
○ High Power Gain
○ Long Life and High Stability
○ Simple Cooling System (forced-air-cooled)
○ Automatic Channel Tuner (8-12 Channels) Hand Tuner model is also available.
○ Permanent Magnet Focusing
○ Rugged Construction




Similar Part No. - LD7111

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7120 LEADTREND-LD7120 Datasheet
343Kb / 8P
Single Synchronous Buck PWM Controller
2/21/2005 February 2005
LD7120CS LEADTREND-LD7120CS Datasheet
343Kb / 8P
Single Synchronous Buck PWM Controller
2/21/2005 February 2005
LD7120PS LEADTREND-LD7120PS Datasheet
343Kb / 8P
Single Synchronous Buck PWM Controller
2/21/2005 February 2005
logo
NEC
LD7126 NEC-LD7126 Datasheet
80Kb / 6P
17 GHz BAND, 2.0 kW/2.4 kW, HIGH EFFICIENCY, HIGH POWER GAIN
logo
LightGraphix
LD71DR LIGHTGRAPHIX-LD71DR Datasheet
920Kb / 2P
Miniature Adjustable Deep Recessed Low Glare LED Downlight
19 June 2023
More results


Similar Description - LD7111

ManufacturerPart #DatasheetDescription
logo
NEC
LD7126 NEC-LD7126 Datasheet
80Kb / 6P
17 GHz BAND, 2.0 kW/2.4 kW, HIGH EFFICIENCY, HIGH POWER GAIN
LD7215 NEC-LD7215 Datasheet
92Kb / 4P
6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215W NEC-LD7215W Datasheet
72Kb / 6P
6 GHz, 3 kW CW, PPM FOCUSING, HIGH POWER GAIN
LD7260 NEC-LD7260 Datasheet
62Kb / 6P
6 GHz, 2.25 kW CW, PPM FOCUSING, HIGH POWER GAIN
logo
Silicon Storage Technol...
SST12LP15 SST-SST12LP15 Datasheet
193Kb / 12P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP07 SST-SST12LP07 Datasheet
509Kb / 14P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
10/11
logo
Guerrilla RF, Inc.
GRF5517W GUERRILLA-GRF5517W Datasheet
5Mb / 27P
HIGH LINEARITY POWER AMPLIFIER 1.7 to 1.8 GHz
January 24, 2023
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com