Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD71DR Datasheet (PDF) - LightGraphix

LD71DR Datasheet PDF - LightGraphix
Part # LD71DR
Download  LD71DR Download
File Size   920.66 Kbytes
Page   2 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description Miniature Adjustable Deep Recessed Low Glare LED Downlight

LD71DR Datasheet (PDF)

Go To PDF Page Download Datasheet
LD71DR Datasheet PDF - LightGraphix

Part # LD71DR
Download  LD71DR Click to download

File Size   920.66 Kbytes
Page   2 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description Miniature Adjustable Deep Recessed Low Glare LED Downlight

LD71DR Datasheet (HTML) - LightGraphix


LD71DR Product details

Key Features
Matt black inner baffle & LED set back 15mm from front of the fitting for reduced
glare
Adjustable with a 25° tilt
High power for its size
High efficiency optics specially designed for LightGraphix guarantee e xcellent
beam spread and shape
Optional IP54 version for wet areas, comes with glass and gaske t
Hidden spring clip fixings
Simple and fast installation
Available with Switch, 0-10V, DMX, DALI or mains dimmable drivers




Similar Part No. - LD71DR

ManufacturerPart #DatasheetDescription
logo
NEC
LD7111 NEC-LD7111 Datasheet
57Kb / 4P
17 GHz BAND, 1.7 kW, HIGH EFICIENCY, HIGH POWER GAIN
logo
Leadtrend Technology
LD7120 LEADTREND-LD7120 Datasheet
343Kb / 8P
Single Synchronous Buck PWM Controller
2/21/2005 February 2005
LD7120CS LEADTREND-LD7120CS Datasheet
343Kb / 8P
Single Synchronous Buck PWM Controller
2/21/2005 February 2005
LD7120PS LEADTREND-LD7120PS Datasheet
343Kb / 8P
Single Synchronous Buck PWM Controller
2/21/2005 February 2005
logo
NEC
LD7126 NEC-LD7126 Datasheet
80Kb / 6P
17 GHz BAND, 2.0 kW/2.4 kW, HIGH EFFICIENCY, HIGH POWER GAIN
More results


Similar Description - LD71DR

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLSO-LVDL13W-90 P-TEC-PLSO-LVDL13W-90 Datasheet
191Kb / 2P
Dimmable LED Downlight
logo
Cree, Inc
CR6-625L-27K-12-E26 CREE-CR6-625L-27K-12-E26 Datasheet
524Kb / 2P
CR6 LED Downlight - 6
LE6 CREE-LE6 Datasheet
751Kb / 2P
6 Adjustable LED Downlight
LR4 CREE-LR4 Datasheet
424Kb / 2P
Architectural LED Downlight
LR6 CREE-LR6 Datasheet
409Kb / 2P
LED Downlight
LR6-7L-27K-GU24-E26 CREE-LR6-7L-27K-GU24-E26 Datasheet
421Kb / 2P
LED Downlight
LR6-10L-35K-120V-A-DR CREE-LR6-10L-35K-120V-A-DR Datasheet
399Kb / 2P
LED Downlight
LR6-18L-35K-120V-A-DR CREE-LR6-18L-35K-120V-A-DR Datasheet
397Kb / 2P
LED Downlight
LR6-DR650 CREE-LR6-DR650 Datasheet
506Kb / 2P
Deep Recess LED Downlight
LR6-DR1000 CREE-LR6-DR1000 Datasheet
516Kb / 2P
Deep Recess LED Downlight
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com