Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD71DR Datasheet(PDF) 2 Page - LightGraphix

Part # LD71DR
Description  Miniature Adjustable Deep Recessed Low Glare LED Downlight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD71DR Datasheet(HTML) 2 Page - LightGraphix

  LD71DR Datasheet HTML 1Page - LightGraphix LD71DR Datasheet HTML 2Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
Data sheet - Page 2
LD71DR
Miniature Adjustable Deep Recessed Low Glare LED Downlight
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 19 June 2023
LED colour options
Suffix
Super Warm White (2200K)
/LW22
Extra Warm White (2700K)
/LW27
Warm White (3000K)
/LW30
White (4000K) - on request
/LW40
Cool White (5000K)
/LW50
Blue
/LB
Green
/LG
Red
/LR
Amber
/LA
*Other LED colour temperatures are available. Please speak to a member of our sales team.
IP Rating
IP40 (dry internal use as standard)
/IP40
IP54
/IP54
Product codes with output options
1.2W LED at 350mA
LD71DR-C1-350
1.7W LED at 500mA
LD71DR-C1-500
2.4W LED at 700mA
LD71DR-C1-700
Use with 350mA, 500mA & 700mA constant current LED drivers
We have a wide range of dimmable LED drivers, 0-10V, DMX, DALI and mains dimmable.
Please see the downloads section on our website:
To run 1-14 LD71DR-C1-350 in series use a TXDEL350D (0-10V dimmable)
To run 1-14 LD71DR-C1-500 in series use a TXDEL500D (0-10V dimmable)
To run 1-13 LD71DR-C1-700 in series use a TXDEL700D (0-10V dimmable)
Beam / lens angle options
12° narrow spot
/NB
31° medium
/MB
48° wide
/WB
Bezel finish options
Paint finish silver / white (RAL 9016) / antique bronze / satin antique brass / satin brass /
black (RAL 9005) / anthracite grey (RAL 7016) / RAL finish
Chrome finish (minimum order - please contact us)
Product code
LED
colour
Beam
angle
Example: LD71DR-C1-700 / LW30 / NB / IP54 / White
Finish
IP
Rating
Dimensions and Fixing Options
Photometrics
Order Codes and Options
Photometric files are included in the design pack which can be downloaded
from the LD71DR product page on the website.
IP54 rated version includes a glass front and a gasket that sits between the
heat-sink and the bezel
LED and optic position recessed by 15mm for reduced glare.
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
Ø42
28
39
15
Ø38
Cut-out
25° Tilt
1.2
46
Min
Recess
41
/IP54 rated version includes a glass front
and a gasket that sits between the
heat-sink and the bezel
Max 14mm*
14mm*
48
Min
Recess
*For mounting surfaces over 14mm,
use the detail below to allow for full
fitting adjustment
Ø42
Ø42
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
Ø42
28
39
15
Ø38
Cut-out
25° Tilt
1.2
46
Min
Recess
41
/IP54 rated version includes a glass front
and a gasket that sits between the
heat-sink and the bezel
Max 14mm*
14mm*
48
Min
Recess
*For mounting surfaces over 14mm,
use the detail below to allow for full
fitting adjustment
39
39
1.2
Ø38
Ø38
Cut-out
Cut-out
15
15
28
28
46
46
Min
Min
Recess
Recess
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
Ø42
28
39
15
Ø38
Cut-out
25° Tilt
1.2
46
Min
Recess
41
/IP54 rated version includes a glass front
and a gasket that sits between the
heat-sink and the bezel
Max 14mm*
14mm*
48
Min
Recess
*For mounting surfaces over 14mm,
use the detail below to allow for full
fitting adjustment
14mm
14mm
*For mounting surfaces over 14mm, use the detail below to allow for full fitting
adjustment
Scaled Drawings.
Use common elemtents, such as
surfaces. But keep cables to scale.
Reduce lines, simplify drawing.
Ø42
28
39
15
Ø38
Cut-out
25° Tilt
1.2
46
Min
Recess
41
/IP54 rated version includes a glass front
and a gasket that sits between the
heat-sink and the bezel
Max 14mm*
14mm*
48
Min
Recess
*For mounting surfaces over 14mm,
use the detail below to allow for full
fitting adjustment
41
41
48
48
Min
Min
Recess
Recess
25° Tilt
25° Tilt
Min 1.5mm
Min 1.5mm
Max 14mm*
Max 14mm*
- 350
- 500
- 700
LD71DR-C1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com