Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST711083 Datasheet (PDF) - E-SWITCH

ST711083 Datasheet PDF - E-SWITCH
Part # ST711083
Download  ST711083 Download
File Size   133.75 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description RATING: 1A @250VAC, 3A @120 VAC OR 28 VDC

ST711083 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST711083 Datasheet PDF - E-SWITCH

Part # ST711083
Download  ST711083 Click to download

File Size   133.75 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description RATING: 1A @250VAC, 3A @120 VAC OR 28 VDC

ST711083 Datasheet (HTML) - E-SWITCH




Similar Part No. - ST711083

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST711080 E-SWITCH-ST711080 Datasheet
181Kb / 1P
RATING: 3A @ 120VAC or 28VDC; 1A @250VAC.
ST711082 E-SWITCH-ST711082 Datasheet
171Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST711085 E-SWITCH-ST711085 Datasheet
171Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Similar Description - ST711083

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST711056 E-SWITCH-ST711056 Datasheet
115Kb / 1P
RATING: 1A @250VAC, 3A @120 VAC OR 28 VDC
ST711079 E-SWITCH-ST711079 Datasheet
131Kb / 1P
RATING: 3A @120VAC OR28VDC; 1A @ 250VAC
ST711080 E-SWITCH-ST711080 Datasheet
181Kb / 1P
RATING: 3A @ 120VAC or 28VDC; 1A @250VAC.
ST750000 E-SWITCH-ST750000 Datasheet
95Kb / 1P
RATING: 3A @ 120VAC OR 28VDC
ST750102 E-SWITCH-ST750102 Datasheet
122Kb / 1P
RATING: 3A @ 120VAC or 28VDC; 1A @ 250VAC
logo
Mallory Sonalert Produc...
SCE028SA3DP3B MSPI-SCE028SA3DP3B Datasheet
55Kb / 1P
Voltage Rating 16 to 28 VAC
SCE028SA3ED5B MSPI-SCE028SA3ED5B Datasheet
55Kb / 1P
Voltage Rating 16 to 28 VAC
SCE028XA2SP1B MSPI-SCE028XA2SP1B Datasheet
55Kb / 1P
Voltage Rating 16 to 28 VAC
VSB110-2 MSPI-VSB110-2 Datasheet
33Kb / 1P
Voltage Rating 110/120 VAC
VSB110-1 MSPI-VSB110-1 Datasheet
33Kb / 1P
Voltage Rating 110/120 VAC
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com