Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST711079 Datasheet (PDF) - E-SWITCH

ST711079 Datasheet PDF - E-SWITCH
Part # ST711079
Download  ST711079 Download
File Size   131.0 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description RATING: 3A @120VAC OR28VDC; 1A @ 250VAC

ST711079 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST711079 Datasheet PDF - E-SWITCH

Part # ST711079
Download  ST711079 Click to download

File Size   131.0 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description RATING: 3A @120VAC OR28VDC; 1A @ 250VAC

ST711079 Datasheet (HTML) - E-SWITCH




Similar Part No. - ST711079

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST711070 E-SWITCH-ST711070 Datasheet
167Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST711071 E-SWITCH-ST711071 Datasheet
187Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Similar Description - ST711079

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LM2575 SEMTECH-LM2575 Datasheet
441Kb / 19P
1A & 3A Miniconverter Switching Regulators
logo
FCI connector
10114826 FCI-CONNECTOR-10114826 Datasheet
72Kb / 1P
SPECIFICATIONS CURRENT RATING 1A AC DC
logo
TDK Electronics
RSHN-2006 TDK-RSHN-2006 Datasheet
243Kb / 2P
3A to 300A, 250VAC EMI Filters
logo
E-SWITCH
34-PP1EB71A2 E-SWITCH-34-PP1EB71A2 Datasheet
60Kb / 1P
UL 16A 125VAC, 12A 250VAC, 1HP/250VAC
ST711056 E-SWITCH-ST711056 Datasheet
115Kb / 1P
RATING: 1A @250VAC, 3A @120 VAC OR 28 VDC
ST711080 E-SWITCH-ST711080 Datasheet
181Kb / 1P
RATING: 3A @ 120VAC or 28VDC; 1A @250VAC.
ST711083 E-SWITCH-ST711083 Datasheet
133Kb / 1P
RATING: 1A @250VAC, 3A @120 VAC OR 28 VDC
ST750000 E-SWITCH-ST750000 Datasheet
95Kb / 1P
RATING: 3A @ 120VAC OR 28VDC
ST750102 E-SWITCH-ST750102 Datasheet
122Kb / 1P
RATING: 3A @ 120VAC or 28VDC; 1A @ 250VAC
logo
ETAL Group
ESX50D ETAL-ESX50D Datasheet
266Kb / 4P
Current rating (1A - 10A, in whole numbers)
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com