Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST750101 Datasheet (PDF) - E-SWITCH

ST750101 Datasheet PDF - E-SWITCH
Part # ST750101
Download  ST750101 Download
File Size   119.29 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description RATING: 0.4 VOLT-AMPS MAX. @20V MAX AC OR DC

ST750101 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST750101 Datasheet PDF - E-SWITCH

Part # ST750101
Download  ST750101 Click to download

File Size   119.29 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description RATING: 0.4 VOLT-AMPS MAX. @20V MAX AC OR DC

ST750101 Datasheet (HTML) - E-SWITCH




Similar Part No. - ST750101

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST750102 E-SWITCH-ST750102 Datasheet
122Kb / 1P
RATING: 3A @ 120VAC or 28VDC; 1A @ 250VAC
ST750104 E-SWITCH-ST750104 Datasheet
162Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
ST750105 E-SWITCH-ST750105 Datasheet
113Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
ST750107 E-SWITCH-ST750107 Datasheet
112Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results


Similar Description - ST750101

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
200USP1T1A1M2RE E-SWITCH-200USP1T1A1M2RE Datasheet
144Kb / 3P
Electrical Rating: 0.4VA, 20V Max. (AC or DC)
logo
CUI INC
PD-40 CUI-PD-40 Datasheet
26Kb / 1P
RATING 20V DC 7.5A CONTACT RESISTANCE : 30m OHMS MAX
PJ-042 CUI-PJ-042 Datasheet
252Kb / 1P
SPECIFICATIONS: RATING : 16V DC 2.5A CONTACT RESISTANCE : 50m OHMS MAX
logo
E-SWITCH
ST711055 E-SWITCH-ST711055 Datasheet
113Kb / 1P
RATING: 0.4VA MAX. @20V MAX. AC OR DC
ST711057 E-SWITCH-ST711057 Datasheet
115Kb / 1P
RATING: 0.4VA MAX. @20V MAX. AC OR DC
ST711059 E-SWITCH-ST711059 Datasheet
130Kb / 1P
RATING: 0.4VA MAX. @20V MAX. AC OR DC
logo
Murata Manufacturing Co...
1255AY-220M MURATA-1255AY-220M Datasheet
726Kb / 2P
Max. of DC resistance
A914BYW-220M MURATA-A914BYW-220M Datasheet
725Kb / 2P
Max. of DC resistance
A915AY-3R3M MURATA-A915AY-3R3M Datasheet
725Kb / 2P
Max. of DC resistance
A915AY-4R7M MURATA-A915AY-4R7M Datasheet
725Kb / 2P
Max. of DC resistance
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com