Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8K4 Datasheet (PDF) - Rohm

SP8K4 Datasheet PDF - Rohm
Part # SP8K4
Download  SP8K4 Download
File Size   65.88 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Switching (30V, 9.0A)

SP8K4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8K4 Datasheet PDF - Rohm

Part # SP8K4
Download  SP8K4 Click to download

File Size   65.88 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Switching (30V, 9.0A)

SP8K4 Datasheet (HTML) - Rohm




Similar Part No. - SP8K4

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K4 ROHM-SP8K4 Datasheet
60Kb / 4P
Switching (30V, 9.0A)
SP8K4 ROHM-SP8K4 Datasheet
88Kb / 4P
4V Drive NchNch MOS FET
Rev.A
SP8K41FRA ROHM-SP8K41FRA Datasheet
2Mb / 15P
80V NchNch Power MOSFET
SP8K4FU6TB ROHM-SP8K4FU6TB Datasheet
88Kb / 4P
4V Drive NchNch MOS FET
Rev.A
SP8K4 ROHM-SP8K4_V01 Datasheet
88Kb / 4P
4V Drive NchNch MOS FET
Rev.A
More results


Similar Description - SP8K4

ManufacturerPart #DatasheetDescription
logo
Rohm
RSS100N03 ROHM-RSS100N03 Datasheet
59Kb / 4P
Switching (30V, 짹10A)
RSS140N03 ROHM-RSS140N03 Datasheet
61Kb / 4P
Switching (30V, 14A)
SP8K5 ROHM-SP8K5 Datasheet
59Kb / 4P
Switching (30V, 3.5A)
RK4410 ROHM-RK4410 Datasheet
40Kb / 4P
Switching (30V, 10A)
RSS040P03 ROHM-RSS040P03 Datasheet
85Kb / 5P
Switching (-30V,-4.0A)
SP8K3 ROHM-SP8K3 Datasheet
60Kb / 4P
Switching (30V, 7.0A)
SP8K4 ROHM-SP8K4 Datasheet
60Kb / 4P
Switching (30V, 9.0A)
RK9410 ROHM-RK9410 Datasheet
43Kb / 4P
Switching (30V, 7A)
SP8K1TB ROHM-SP8K1TB Datasheet
65Kb / 4P
Switching (30V, 5.0A)
QH8KA3 ROHM-QH8KA3 Datasheet
2Mb / 15P
Nch Nch 30V 9.0A Small Signal MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com