Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7246A Datasheet (PDF) - NEC

LD7246A Datasheet PDF - NEC
Part # LD7246A
Download  LD7246A Download
File Size   44.39 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 14 GHz, 123 W CW, CONDUCTION COOLING, MINIMUM SIZE

LD7246A Datasheet (PDF)

Go To PDF Page Download Datasheet
LD7246A Datasheet PDF - NEC

Part # LD7246A
Download  LD7246A Click to download

File Size   44.39 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 14 GHz, 123 W CW, CONDUCTION COOLING, MINIMUM SIZE

LD7246A Datasheet (HTML) - NEC


LD7246A Product details

GENERAL DESCRIPTION
NEC LD7246A is PPM-focused traveling wave tube designed for use as final amplifier in the earth-to-satellite communications transmitter.
This is capable of delivering an output power of 130 W over the range of 13.75 to 14.5 GHz.
It provides a high power gain of 53 dB at 123 W output power.
Furthermore, this is of rugged and reliable design offering long-life services.

FEATURES
○ Light weight, Compact and Efficient
    The tube has dual-depressed collectors and is designed to operate at high efficiency across wide power output range. It features state-of the art techniques to optimize size and efficiency.
○ High Power Gain
    The power gain is typically 53 dB at 123 W level.
○ Simple Cooling System
    The tube is conduction-cooled, so that the cooling system is greatly simplified.
○ PPM Focusing
    The tube is PPM (Periodic Permanent Magnet) -focused, eliminating entirely focusing power supplies and interlock circuits.
○ Rugged Construction
    The tube is designed to be rugged, therefore it is suitable for transportable systems.
○ Long Life and High Stability
    The tube employs an advanced impregnated cathode with a low operating temperature for long life.
○ Microdischarge Free
    The tube is carefully designed to be free from microdischarge in the electron gun for long term operation, therefore it is suitable for digital communication service.




Similar Part No. - LD7246A

ManufacturerPart #DatasheetDescription
logo
NEC
LD7249 NEC-LD7249 Datasheet
73Kb / 6P
14 GHz, 350 W/400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7249U NEC-LD7249U Datasheet
73Kb / 6P
14 GHz, 350 W/400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
More results


Similar Description - LD7246A

ManufacturerPart #DatasheetDescription
logo
NEC
LD7213 NEC-LD7213 Datasheet
46Kb / 4P
14 GHz, 300 W CW, CONDUCTION COOLING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7235 NEC-LD7235 Datasheet
66Kb / 6P
30 GHz, 150 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7249 NEC-LD7249 Datasheet
73Kb / 6P
14 GHz, 350 W/400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7262 NEC-LD7262 Datasheet
57Kb / 6P
6 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7263 NEC-LD7263 Datasheet
56Kb / 6P
14 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7267 NEC-LD7267 Datasheet
58Kb / 6P
30 GHz, 100 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7272 NEC-LD7272 Datasheet
56Kb / 6P
6 GHz, 400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7713 NEC-LD7713 Datasheet
54Kb / 6P
30 GHz, 20 W CW, Conduction Cooling, Mimimum Size
LD7714 NEC-LD7714 Datasheet
53Kb / 6P
30 GHz, 40 W CW, Conduction Cooling, Mimimum Size
LD79U12K NEC-LD79U12K Datasheet
125Kb / 4P
14 GHz, 123 W CW, LIGHT WEIGHT, COMPACT, EFFICIENT
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com