Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD7713 Datasheet (PDF) - NEC

LD7713 Datasheet PDF - NEC
Part # LD7713
Download  LD7713 Download
File Size   54.02 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 30 GHz, 20 W CW, Conduction Cooling, Mimimum Size

LD7713 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD7713 Datasheet PDF - NEC

Part # LD7713
Download  LD7713 Click to download

File Size   54.02 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 30 GHz, 20 W CW, Conduction Cooling, Mimimum Size

LD7713 Datasheet (HTML) - NEC


LD7713 Product details

30 GHz, 20 W CW, Conduction Cooling, Mimimum Size



GENERAL DESCRIPTION

The NEC LD7713 is a PPM-focused traveling wave tube designed for use as final amplifier in the earth-to-satellite communications transmitter, LMDS (Local Multipoint distribution service) and other advanced communication systems.

This is capable of delivering an output power of 20 W over the range of 27.5 to 30.0 GHz and provides a power gain of more than 40 dB at 20 W level.

Furthermore, it is of rugged and reliable design offering long-life service.



FEATURES

Lightweight, Compact and Efficient

  The tube has a dual-depressed collectors and designed to operate at high efficiency across the power output range. It features state-of-the-art techniques to optimize size and efficiency.

Low Distortion

  Distortion is a very important factor in multiplex digital signals transmission. NEC has developed techniques for the correction of non-linear distortion and phase generated in a TWT. As a result, the TWT has an optimum performance across a broad power range and is ideally suited for multi-carrier trancmission systems.

Simple Cooling System

  The tube is conduction cooled, so that the cooling system is simplified.

Rugged Construction

  The power gain is designed to be rugged, therefore it is suitable for transportable systems.

Long Life and High Stability

  The tube employs an advanced impregnated cathode with a low operating temperature for long life.

Micro-discharge Free

  The tube is carefully designed to be free from microdischarge in the electron gun for long term operation, therefore it is suitable for digital communication service.



 




Similar Part No. - LD7713

ManufacturerPart #DatasheetDescription
logo
NEC
LD7710 NEC-LD7710 Datasheet
124Kb / 4P
14GHz, 40 W CW PPM FOCUSING, MINIMUM SIZE
LD7714 NEC-LD7714 Datasheet
53Kb / 6P
30 GHz, 40 W CW, Conduction Cooling, Mimimum Size
More results


Similar Description - LD7713

ManufacturerPart #DatasheetDescription
logo
NEC
LD7213 NEC-LD7213 Datasheet
46Kb / 4P
14 GHz, 300 W CW, CONDUCTION COOLING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7235 NEC-LD7235 Datasheet
66Kb / 6P
30 GHz, 150 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7246A NEC-LD7246A Datasheet
44Kb / 4P
14 GHz, 123 W CW, CONDUCTION COOLING, MINIMUM SIZE
LD7249 NEC-LD7249 Datasheet
73Kb / 6P
14 GHz, 350 W/400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7262 NEC-LD7262 Datasheet
57Kb / 6P
6 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7263 NEC-LD7263 Datasheet
56Kb / 6P
14 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7267 NEC-LD7267 Datasheet
58Kb / 6P
30 GHz, 100 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7272 NEC-LD7272 Datasheet
56Kb / 6P
6 GHz, 400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7714 NEC-LD7714 Datasheet
53Kb / 6P
30 GHz, 40 W CW, Conduction Cooling, Mimimum Size
LD79A02K NEC-LD79A02K Datasheet
49Kb / 4P
30 GHz, 20 W CW, LIGHT WEIGHT, COMPACT, EFFICIENT
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com