Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD79A02K Datasheet (PDF) - NEC

LD79A02K Datasheet PDF - NEC
Part # LD79A02K
Download  LD79A02K Download
File Size   49.73 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 30 GHz, 20 W CW, LIGHT WEIGHT, COMPACT, EFFICIENT

LD79A02K Datasheet (PDF)

Go To PDF Page Download Datasheet
LD79A02K Datasheet PDF - NEC

Part # LD79A02K
Download  LD79A02K Click to download

File Size   49.73 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 30 GHz, 20 W CW, LIGHT WEIGHT, COMPACT, EFFICIENT

LD79A02K Datasheet (HTML) - NEC


LD79A02K Product details

GENERAL DESCRIPTION
MPM stands for Microwave Power Module and is the solution introduced by NEC for a microwave power source with high efficiency and the most compact size.
The MPM consists of a miniaturized traveling wave tube (TWT) and an electronic power conditioner (EPC). All the potential interface problems are taken care of by NEC and the user simply connects the MPM to his RF output and plugs in the DC supply.

FEATURES
○ Light weight, Compact, and Efficient
    The TWT built in the MPM has a dual-depressed collector and is designed to operate at high efficiency across the power output range. The EPC features state-of-the-art techniques to optimize size and efficiency and the combination results in a unit significantly smaller and with less power consumption than a comparable solid state amplifier.
○ Low Distortion
    NEC has developed techniques for the correction of non-linear distortion of gain and phase generated in a TWT. As a result, the MPM has optimum performance across a broad power range and is ideally suited for multi-carrier transmission systems.
○ Long Life
    The TWT is designed to have a lifetime of 80,000 hours or more, which is comparable to that of a solid state amplifier in actual usage.
○ Ideal for Digital Systems
    A mini-arcing in the electron gun have been eliminated in the TWT.




Similar Part No. - LD79A02K

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD790 LIGHTGRAPHIX-LD790 Datasheet
2Mb / 5P
ADJUSTABLE COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
LD790-E3-350 LIGHTGRAPHIX-LD790-E3-350 Datasheet
2Mb / 5P
ADJUSTABLE COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
LD790-E3-500 LIGHTGRAPHIX-LD790-E3-500 Datasheet
2Mb / 5P
ADJUSTABLE COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
LD790-F1-350 LIGHTGRAPHIX-LD790-F1-350 Datasheet
2Mb / 5P
ADJUSTABLE COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
LD790-F1-500 LIGHTGRAPHIX-LD790-F1-500 Datasheet
2Mb / 5P
ADJUSTABLE COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
More results


Similar Description - LD79A02K

ManufacturerPart #DatasheetDescription
logo
NEC
LD4606A NEC-LD4606A Datasheet
51Kb / 4P
30 GHz, 380 W CW, HIGH EFFICIENCY, HIGH POWER GAIN
LD7235 NEC-LD7235 Datasheet
66Kb / 6P
30 GHz, 150 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7261 NEC-LD7261 Datasheet
60Kb / 6P
20 GHz, 250 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7267 NEC-LD7267 Datasheet
58Kb / 6P
30 GHz, 100 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7713 NEC-LD7713 Datasheet
54Kb / 6P
30 GHz, 20 W CW, Conduction Cooling, Mimimum Size
LD7714 NEC-LD7714 Datasheet
53Kb / 6P
30 GHz, 40 W CW, Conduction Cooling, Mimimum Size
LD79U04K NEC-LD79U04K Datasheet
70Kb / 4P
14 GHz, 40 W CW, LIGHT WEIGHT, COMPACT, EFFICIENT
LD79U12K NEC-LD79U12K Datasheet
125Kb / 4P
14 GHz, 123 W CW, LIGHT WEIGHT, COMPACT, EFFICIENT
logo
Communications & Power ...
VTM-6196R1 CPI-VTM-6196R1 Datasheet
84Kb / 1P
20 W, CW Helix TWT Series
logo
jb Capacitors Company
JSU JBCAPACITORS-JSU Datasheet
328Kb / 1P
Compact and light weight
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com