Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD79A02K Datasheet(PDF) 2 Page - NEC

Part # LD79A02K
Description  30 GHz, 20 W CW, LIGHT WEIGHT, COMPACT, EFFICIENT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD79A02K Datasheet(HTML) 2 Page - NEC

  LD79A02K Datasheet HTML 1Page - NEC LD79A02K Datasheet HTML 2Page - NEC LD79A02K Datasheet HTML 3Page - NEC LD79A02K Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LD79A02K
TYPICAL OPERATIONS
Frequency Range ………………………………………… 27.5– 30.0 GHz
Power Output …………………………………………… 20 W minimum
Gain Variation …………………………………………… 2.5 dB / 2.5 GHz
Gain
……………………………………………………… 43 dB (at Po = 20 W)
50 dB (at small signal)
Gain Stability
……………………………………………
± 0.25 dB/24 hr (25˚C±10˚C)
Gain Slope ………………………………………………… 0.02 dB / MHz
Harmonic Output ………………………………………… 15 dB below at rated output power
Spurious Output ………………………………………… –70 dBW in any 4 kHz band
in the 27.5 to 30.0 GHz
AM to PM Conversion
………………………………… 4
°/ dB at rated power
Intermodulation ………………………………………… 30 dB below each of two equal carriers
(total 2 W)
Group Delay
Linear component …………………………………… 0.1 ns / MHz
Parabolic component ………………………………… 0.01 ns / MHz2
Ripple component …………………………………… 1.0 ns (p-p) in any 40 MHz band
RF Input
Waveguide
…………………………………………… Mates with UG-599 / U Flange
VSWR …………………………………………………… 2.0 : 1 maximum
Load VSWR …………………………………………… Operate into 1.5 : 1 maximum
RF Output
Waveguide
…………………………………………… Mates with UG-599 / U Flange
VSWR …………………………………………………… 2.0 : 1 maximum
Load VSWR …………………………………………… Operate into 1.5 : 1 maximum
Primary Power …………………………………………… –48 V
± 10%
Power Consumption …………………………………… 86 W
Efficiency
………………………………………………… 25% approx.
Dimensions ……………………………………………… 240
× 150 × 40 mm
Weight ……………………………………………………… 2.1 kg approx.
ENVIRONMENTAL CONDITIONS
™ Ambient Temperature
–30
°C to +70°C (non operating, storage)
™ Relative Humidity
90% maximum (non dewing)
™ Base Plate Temperature
–15
°C to +65°C maximum
Note 1 : These characteristics and operating values may be changed as a result of additional information or
product improvement. NEC should be consulted before using this information for equipment de-
sign. This data sheet should not be referred to a contractual specification.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com