Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD79A02K Datasheet(PDF) 1 Page - NEC

Part # LD79A02K
Description  30 GHz, 20 W CW, LIGHT WEIGHT, COMPACT, EFFICIENT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD79A02K Datasheet(HTML) 1 Page - NEC

  LD79A02K Datasheet HTML 1Page - NEC LD79A02K Datasheet HTML 2Page - NEC LD79A02K Datasheet HTML 3Page - NEC LD79A02K Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
Document No. ET0361EJ1V1DS00
Date Published September 1998 M
Printed in Japan
30 GHz, 20 W CW, LIGHT WEIGHT, COMPACT, EFFICIENT
MICROWAVE POWER MODULE
FOR COMMUNICATIONS
LD79A02K
The information in this document is subject to change without notice.
©
1998
GENERAL DESCRIPTION
MPM stands for Microwave Power Module and is the solution introduced by NEC for a microwave power
source with high efficiency and the most compact size.
The MPM consists of a miniaturized traveling wave tube (TWT) and an electronic power conditioner (EPC). All
the potential interface problems are taken care of by NEC and the user simply connects the MPM to his RF
output and plugs in the DC supply.
LD79A02K is a complete integrated unit and can deliver an output power of 20 W over the range of 27.5 to
30.0 GHz with a gain of 40 dB.
The TWT of RF section in the LD79A02K has been designed and developed upon the NEC's advanced technology
and enormous experience on a number of TWTs used in satellite ground terminals and terrestrial microwave
links.
The very small and light weight EPC designed with sophisticated and experienced circuit technology ensures
higher reliability, reduced maintenance costs and improved technical performance.
The LD79A02K is most suitable for a power amplifier in LMDS and Multimedia Satellite communication
systems.
FEATURES
™ Light weight, Compact, and Efficient
The TWT built in the MPM has a dual-depressed collector and is designed to operate at high efficiency across
the power output range. The EPC features state-of-the-art techniques to optimize size and efficiency and the
combination results in a unit significantly smaller and with less power consumption than a comparable solid
state amplifier.
™ Low Distortion
NEC has developed techniques for the correction of non-linear distortion of gain and phase generated in a
TWT. As a result, the MPM has optimum performance across a broad power range and is ideally suited for
multi-carrier transmission systems.
™ Long Life
The TWT is designed to have a lifetime of 80,000 hours or more, which is comparable to that of a solid state
amplifier in actual usage.
™ Ideal for Digital Systems
A mini-arcing in the electron gun have been eliminated in the TWT.


Similar Part No. - LD79A02K

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD790 LIGHTGRAPHIX-LD790 Datasheet
2Mb / 5P
ADJUSTABLE COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
LD790-E3-350 LIGHTGRAPHIX-LD790-E3-350 Datasheet
2Mb / 5P
ADJUSTABLE COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
LD790-E3-500 LIGHTGRAPHIX-LD790-E3-500 Datasheet
2Mb / 5P
ADJUSTABLE COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
LD790-F1-350 LIGHTGRAPHIX-LD790-F1-350 Datasheet
2Mb / 5P
ADJUSTABLE COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
LD790-F1-500 LIGHTGRAPHIX-LD790-F1-500 Datasheet
2Mb / 5P
ADJUSTABLE COMPACT INTERIOR/EXTERIOR LED DOWNLIGHT
21 May 2026
More results

Similar Description - LD79A02K

ManufacturerPart #DatasheetDescription
logo
NEC
LD4606A NEC-LD4606A Datasheet
51Kb / 4P
30 GHz, 380 W CW, HIGH EFFICIENCY, HIGH POWER GAIN
LD7235 NEC-LD7235 Datasheet
66Kb / 6P
30 GHz, 150 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7261 NEC-LD7261 Datasheet
60Kb / 6P
20 GHz, 250 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7267 NEC-LD7267 Datasheet
58Kb / 6P
30 GHz, 100 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7713 NEC-LD7713 Datasheet
54Kb / 6P
30 GHz, 20 W CW, Conduction Cooling, Mimimum Size
LD7714 NEC-LD7714 Datasheet
53Kb / 6P
30 GHz, 40 W CW, Conduction Cooling, Mimimum Size
LD79U04K NEC-LD79U04K Datasheet
70Kb / 4P
14 GHz, 40 W CW, LIGHT WEIGHT, COMPACT, EFFICIENT
LD79U12K NEC-LD79U12K Datasheet
125Kb / 4P
14 GHz, 123 W CW, LIGHT WEIGHT, COMPACT, EFFICIENT
logo
Communications & Power ...
VTM-6196R1 CPI-VTM-6196R1 Datasheet
84Kb / 1P
20 W, CW Helix TWT Series
logo
jb Capacitors Company
JSU JBCAPACITORS-JSU Datasheet
328Kb / 1P
Compact and light weight
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com