Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2008B Datasheet (PDF) - ATMEL Corporation

U2008B Datasheet PDF - ATMEL Corporation
Part # U2008B
Download  U2008B Download
File Size   298.61 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Low-cost Phase-control IC with Soft Start

U2008B Datasheet (PDF)

Go To PDF Page Download Datasheet
U2008B Datasheet PDF - ATMEL Corporation

Part # U2008B
Download  U2008B Click to download

File Size   298.61 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Low-cost Phase-control IC with Soft Start

U2008B Datasheet (HTML) - ATMEL Corporation


U2008B Product details

Description

The U2010B is designed as a phase-control circuit in bipolar technology for motor control applications with load-current feedback and overload protection. It enables load-current detection and has a soft-start function as well as reference voltage output.



Features

• Full-wave Current Sensing

• Mains Supply Variation Compensated

• Programmable Load-current Limitation with Over- and High-load Output

• Variable Soft Start

• Voltage and Current Synchronization

• Automatic Retriggering Switchable

• Triggering Pulse Typically 125 mA

• Internal Supply-voltage Monitoring

• Current Requirement ≤ 3 mA

• Temperature-compensated Reference Voltage



Applications

• Advanced Motor Control

• Grinder

• Drilling Machine



 




Similar Part No. - U2008B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2008B TEMIC-U2008B Datasheet
122Kb / 10P
Low Cost Current Feedback Phase Control Circuit
logo
ATMEL Corporation
U2008B ATMEL-U2008B Datasheet
70Kb / 10P
Low-Cost Phase-Control IC with Soft Start
logo
List of Unclassifed Man...
U2008B ETC1-U2008B Datasheet
188Kb / 1P
TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
logo
ATMEL Corporation
U2008B-M ATMEL-U2008B-M Datasheet
70Kb / 10P
Low-Cost Phase-Control IC with Soft Start
U2008B-MFP ATMEL-U2008B-MFP Datasheet
70Kb / 10P
Low-Cost Phase-Control IC with Soft Start
More results


Similar Description - U2008B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2008B ATMEL-U2008B Datasheet
70Kb / 10P
Low-Cost Phase-Control IC with Soft Start
logo
International Rectifier
IR1110 IRF-IR1110 Datasheet
227Kb / 32P
SOFT START CONTROLLER IC
logo
Orister Corporation
RS2051 ORISTER-RS2051 Datasheet
525Kb / 13P
Novel Low Cost Green-Mode PWM Controller with Soft Start & Mode
logo
ATMEL Corporation
U2008B ATMEL-U2008B_07 Datasheet
341Kb / 13P
Low-cost Phase-control IC with Soft Start
U2008B-MY ATMEL-U2008B-MY Datasheet
298Kb / 13P
Low-cost Phase-control IC with Soft Start
logo
IC MICROSYSTEMS
ICM7115 ICMIC-ICM7115 Datasheet
344Kb / 12P
LOW COST SINGLE CHIP TELEPHONE IC WITH VOLUME CONTROL
logo
ATMEL Corporation
U2010B-MY ATMEL-U2010B-MY Datasheet
298Kb / 13P
Low-cost Phase-control IC with Soft Start
logo
Unisonic Technologies
L1806G-SH2-R UTC-L1806G-SH2-R Datasheet
241Kb / 7P
With internal Soft-Start
logo
Skyworks Solutions Inc.
AAT2120 SKYWORKS-AAT2120 Datasheet
1Mb / 19P
Soft-Start Control
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
500mA LDO with soft-start
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com