Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC3200 Datasheet (PDF) - Tiger Electronic Co.,Ltd

KTC3200 Datasheet PDF - Tiger Electronic Co.,Ltd
Part # KTC3200
Download  KTC3200 Download
File Size   404.53 Kbytes
Page   2 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description EPITAXIAL PLANAR NPN TRANSISTOR

KTC3200 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTC3200 Datasheet PDF - Tiger Electronic Co.,Ltd

Part # KTC3200
Download  KTC3200 Click to download

File Size   404.53 Kbytes
Page   2 Pages
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd
Description EPITAXIAL PLANAR NPN TRANSISTOR

KTC3200 Datasheet (HTML) - Tiger Electronic Co.,Ltd


KTC3200 Product details

FEATURES
• The KTC3200 is a transistor for low frequency and 
   low noise applications. This device is designed to 
   ower noise figure in the region of low signal
   source impedance, and to lower the pulse noise.
   This is recommended for the first stages of equalizer
   amplifiers.
• Low Noise
   : NF=4dB(Typ.), Rg=100Ω , VCE=6V, IC=100μA, f=1kHz
   : NF=0.5dB(Typ.), Rg=1kΩ , VCE=6V, IC=100μA, f=1kHz.
• Low Pulse Noise : Low 1/f Noise.
• High DC Current Gain : hFE=200~700.
• High Breakdown Voltage : VCEO=120V .




Similar Part No. - KTC3200

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3200 KEC-KTC3200 Datasheet
323Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AUDIO AMPLIFIER)
KTC3200 KEC-KTC3200 Datasheet
57Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
KTC3200 WINNERJOIN-KTC3200 Datasheet
129Kb / 1P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
KTC3200 FOSHAN-KTC3200 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Schneider Electric
KTC3200CP31 SCHNEIDER-KTC3200CP31 Datasheet
280Kb / 3P
Canalis KT Change direction components Edgewise and flat zed units
2026. 1. 28.
More results


Similar Description - KTC3200

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com