Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC3200 Datasheet (PDF) - KEC(Korea Electronics)

KTC3200 Datasheet PDF - KEC(Korea Electronics)
Part # KTC3200
Download  KTC3200 Download
File Size   323.28 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AUDIO AMPLIFIER)

KTC3200 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTC3200 Datasheet PDF - KEC(Korea Electronics)

Part # KTC3200
Download  KTC3200 Click to download

File Size   323.28 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AUDIO AMPLIFIER)

KTC3200 Datasheet (HTML) - KEC(Korea Electronics)


KTC3200 Product details

LOW NOISE AUDIO AMPLIFIER APPLICATION.

FEATURES
• The KTC3200 is a transistor for low frequency and low noise applications.
   This device is designed to ower noise figure in the region of low signal
   source impedance, and to lower the pulse noise.
   This is recommended for the first stages of equalizer amplifiers.
• Low Noise
   : NF=4dB(Typ.), Rg=100Ω , VCE=6V, IC=100μA, f=1kHz
   : NF=0.5dB(Typ.), Rg=1kΩ , VCE=6V, IC=100μA, f=1kHz.
• Low Pulse Noise : Low 1/f Noise.
• High DC Current Gain : hFE=200~700.
• High Breakdown Voltage : VCEO=120V .
• Complementary to KTA1268.




Similar Part No. - KTC3200

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3200 KEC-KTC3200 Datasheet
57Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
KTC3200 WINNERJOIN-KTC3200 Datasheet
129Kb / 1P
TRANSISTOR (NPN)
logo
Tiger Electronic Co.,Lt...
KTC3200 TGS-KTC3200 Datasheet
404Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Foshan Blue Rocket Elec...
KTC3200 FOSHAN-KTC3200 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Schneider Electric
KTC3200CP31 SCHNEIDER-KTC3200CP31 Datasheet
280Kb / 3P
Canalis KT Change direction components Edgewise and flat zed units
2026. 1. 28.
More results


Similar Description - KTC3200

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
BC237 KEC-BC237 Datasheet
140Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, LOW NOISE AMPLIFIER)
BC549 KEC-BC549 Datasheet
121Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
BCV71 KEC-BCV71 Datasheet
154Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW LEVEL AUDIO-AMPLIFIER AND SWITCHING)
KTC3198L KEC-KTC3198L Datasheet
131Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
KTC3199L KEC-KTC3199L Datasheet
121Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AUDIO AMPLIFIER)
KTC3295 KEC-KTC3295 Datasheet
323Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
KTC3911 KEC-KTC3911 Datasheet
568Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
KTC4077 KEC-KTC4077 Datasheet
240Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
KTC4666 KEC-KTC4666 Datasheet
323Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
KTC3911S KEC-KTC3911S Datasheet
107Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR LOW NOISE AMPLIFIER APPLICATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com