Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC3199L Datasheet (PDF) - KEC(Korea Electronics)

KTC3199L Datasheet PDF - KEC(Korea Electronics)
Part # KTC3199L
Download  KTC3199L Download
File Size   121.45 Kbytes
Page   1 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AUDIO AMPLIFIER)

KTC3199L Datasheet (PDF)

Go To PDF Page Download Datasheet
KTC3199L Datasheet PDF - KEC(Korea Electronics)

Part # KTC3199L
Download  KTC3199L Click to download

File Size   121.45 Kbytes
Page   1 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AUDIO AMPLIFIER)

KTC3199L Datasheet (HTML) - KEC(Korea Electronics)


KTC3199L Product details

LOW NOISE AUDIO AMPLIFIER APPLICATION.

FEATURES
• High DC Current Gain : hFE=70ᴕ 700.
• Excellent hFE Linearity
   : hFE(0.1mA)/hFE(2mA)=0.95(Typ.).
• Low Noise : NF=0.2dB(Typ.), 3dB(Max.).
• Complementary to KTA1267L.




Similar Part No. - KTC3199L

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3199 KEC-KTC3199 Datasheet
334Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
SHENZHEN YONGERJIA INDU...
KTC3199 WINNERJOIN-KTC3199 Datasheet
137Kb / 1P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
KTC3199 FOSHAN-KTC3199 Datasheet
2Mb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
KTC3199 JIANGSU-KTC3199 Datasheet
2Mb / 5P
TO-92S Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
KTC3199-BL MCC-KTC3199-BL Datasheet
330Kb / 4P
NPN General Purpose Application
More results


Similar Description - KTC3199L

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
BC237 KEC-BC237 Datasheet
140Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, LOW NOISE AMPLIFIER)
BC549 KEC-BC549 Datasheet
121Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
BCV71 KEC-BCV71 Datasheet
154Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW LEVEL AUDIO-AMPLIFIER AND SWITCHING)
KTC3198L KEC-KTC3198L Datasheet
131Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
KTC3200 KEC-KTC3200 Datasheet
323Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AUDIO AMPLIFIER)
KTC3295 KEC-KTC3295 Datasheet
323Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
KTC3911 KEC-KTC3911 Datasheet
568Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
KTC4077 KEC-KTC4077 Datasheet
240Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
KTC4666 KEC-KTC4666 Datasheet
323Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (LOW NOISE AMPLIFIER)
KTC3911S KEC-KTC3911S Datasheet
107Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR LOW NOISE AMPLIFIER APPLICATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com