Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z80C30 Datasheet (PDF) - Zilog, Inc.

Z80C30 Datasheet PDF - Zilog, Inc.
Part # Z80C30
Download  Z80C30 Download
File Size   547.35 Kbytes
Page   83 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS SCC Serial Communications Controller

Z80C30 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z80C30 Datasheet PDF - Zilog, Inc.

Part # Z80C30
Download  Z80C30 Click to download

File Size   547.35 Kbytes
Page   83 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS SCC Serial Communications Controller

Z80C30 Datasheet (HTML) - Zilog, Inc.


Z80C30 Product details

General Description

The Z80C30/Z85C30 Serial Communications Controller (SCC), is a pin and software compatible CMOS member of the SCC family introduced by Zilog in 1981. It is a dual channel, multiprotocol data communications peripheral that easily interfaces with CPU’s with either multiplexed or nonmultiplexed address/data buses.

The advanced CMOS process offers lower power consumption, higher performance, and superior noise immunity. The programming flexibility of the internal registers allow the SCC to be configured to various serial communications applications.



Overview

The features of Zilog’s Z80C30 and Z85C30 devices include:

• Z85C30: optimized for nonmultiplexed bus microprocessors

• Z80C30: optimized for multiplexed bus microprocessors

• Pin-compatible to NMOS versions

• Two independent 0 to 4.1 Mbps, full-duplex channels, each with separate crystal oscillator, Baud Rate Generator (BRG), and Digital Phase-Locked Loop (DPLL) for clock recovery

• Multiprotocol operation under program control; programmable for NRZ, NRZI or FM data encoding

• Asynchronous Mode with Five to Eight Bits and One, One and One-Half, or Two Stop Bits Per Character, Programmable Clock Factor, Break Detection and Generation; Parity, Overrun, and Framing Error Detection

• Synchronous Mode with Internal or External Character Synchronization on One or Two Synchronous Characters and CRC Generation and Checking with CRC-16 or CRC-CCITT Preset to either 1s or 0s

• SDLC/HDLC Mode with Comprehensive Frame-Level Control, Automatic Zero Insertion and Deletion, I-Field Residue Handling, Abort Generation and Detection, CRC Generation and Checking, and SDLC Loop

• Software Interrupt Acknowledge Feature (not available with NMOS)

• Local Loopback and Auto Echo Modes

• Supports T1 Digital Trunk2

• Enhanced DMA Support (not available with NMOS) 10 x 19-Bit Status FIFO 14-Bit Byte Counter

• Speeds

– Z85C3O: 8.5, 10, 16.384 MHz

– Z80C3O: 8, 10 MHz



 




Similar Part No. - Z80C30

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z80C30 ZILOG-Z80C30 Datasheet
873Kb / 96P
CMOS SCC SERIAL COMMUNICATIONS CONTROLLER
Z80C30 ZILOG-Z80C30 Datasheet
5Mb / 81P
CMOS SCC Serial Communications Controller
Z80C3008PSC ZILOG-Z80C3008PSC Datasheet
873Kb / 96P
CMOS SCC SERIAL COMMUNICATIONS CONTROLLER
Z80C3008PSC ZILOG-Z80C3008PSC Datasheet
637Kb / 2P
ZiLOGs Family of Serial Communication Controllers
Z80C3008VSC ZILOG-Z80C3008VSC Datasheet
873Kb / 96P
CMOS SCC SERIAL COMMUNICATIONS CONTROLLER
More results


Similar Description - Z80C30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC26C562 PHILIPS-SC26C562 Datasheet
151Kb / 22P
CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC68C562 PHILIPS-SC68C562 Datasheet
163Kb / 26P
CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
logo
Zilog, Inc.
Z80C30 ZILOG-Z80C30 Datasheet
873Kb / 96P
CMOS SCC SERIAL COMMUNICATIONS CONTROLLER
Z16C35 ZILOG-Z16C35 Datasheet
2Mb / 63P
CMOS ISCC INTEGRATED SERIAL COMMUNICATIONS CONTROLLER
logo
Intel Corporation
82530 INTEL-82530 Datasheet
1Mb / 32P
SERIAL COMMUNICATIONS CONTROLLER (SCC)
logo
Zilog, Inc.
Z85C3010VEG ZILOG-Z85C3010VEG Datasheet
5Mb / 81P
CMOS SCC Serial Communications Controller
Z85C3008PEG ZILOG-Z85C3008PEG Datasheet
5Mb / 81P
CMOS SCC Serial Communications Controller
Z85C3008PSG ZILOG-Z85C3008PSG Datasheet
5Mb / 81P
CMOS SCC Serial Communications Controller
Z85C3008VSG ZILOG-Z85C3008VSG Datasheet
5Mb / 81P
CMOS SCC Serial Communications Controller
Z85C3016PSG ZILOG-Z85C3016PSG Datasheet
547Kb / 83P
CMOS SCC Serial Communications Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com