Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA13705 Datasheet (PDF) - Hitachi Semiconductor

HA13705 Datasheet PDF - Hitachi Semiconductor
Part # HA13705
Download  HA13705 Download
File Size   39.17 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description IPIC Intelligent Power IC High Side Solenoid Driver

HA13705 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA13705 Datasheet PDF - Hitachi Semiconductor

Part # HA13705
Download  HA13705 Click to download

File Size   39.17 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description IPIC Intelligent Power IC High Side Solenoid Driver

HA13705 Datasheet (HTML) - Hitachi Semiconductor


HA13705 Product details

Description

The HA13705C is high side power driver IC with protectors and diagnostic function. The device is especially designed to switch inductive loads.



Functions

• Power MOS source follower output (2 A)

• With Over Voltage Shut Down circuit (OVSD)

• With Over Current protector circuit (OCSD)

• With Over Temperature Shut Down circuit (OTSD)

• With diagnostic circuit and status output

• With fail safe function under input open circuit condition

• With low voltage inhibit circuit (LVI)

• With output negative voltage clamp circuit



Features

• Protected against 60 V load dump condition

• Low RON (0.17 Ω Typ)

• Wide operating supply voltage range (VDD = 7 V to 25 V)

• High sustaining voltage (–25 V)

• Protected against reverse supply voltage (–13 V)

• Protected against short circuit condition

• Input compatible with TTL, LS-TTL, or 5 V CMOS




Similar Part No. - HA13705

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA1370 ETC2-HA1370 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - HA13705

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6377 STMICROELECTRONICS-L6377 Datasheet
91Kb / 11P
0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
Feb-1996
TDE1890 STMICROELECTRONICS-TDE1890 Datasheet
111Kb / 12P
2A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Jul-1998
TDE1897C STMICROELECTRONICS-TDE1897C Datasheet
121Kb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Oct-1995
L6370 STMICROELECTRONICS-L6370_07 Datasheet
237Kb / 19P
2.5A high-side driver industrial intelligent power switch
19-Jun-2007
L6375S STMICROELECTRONICS-L6375S Datasheet
465Kb / 17P
0.5A high-side driver industrial intelligent power switch
15-Oct-2007
TDE1897R STMICROELECTRONICS-TDE1897R_03 Datasheet
1Mb / 12P
0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
Sep-2003
logo
Infineon Technologies A...
TLE82452-3SA INFINEON-TLE82452-3SA_15 Datasheet
2Mb / 71P
2 Channel High-Side and Low-Side Linear Solenoid Driver IC
Rev 1.0, 2015-03-27
TLE82453-3SA INFINEON-TLE82453-3SA_15 Datasheet
2Mb / 71P
3 Channel High-Side and Low-Side Linear Solenoid Driver IC
Rev 1.0, 2015-03-27
TLE92464ED INFINEON-TLE92464ED Datasheet
4Mb / 117P
Four channel low-side solenoid driver IC
Rev. 1.1 2020-11-20
TLE92466ED INFINEON-TLE92466ED Datasheet
5Mb / 120P
Six channel low-side solenoid driver IC
Rev. 1.0 2020-11-20
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com