Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16129 Datasheet (PDF) - Hitachi Semiconductor

HA16129 Datasheet PDF - Hitachi Semiconductor
Part # HA16129
Download  HA16129 Download
File Size   135.42 Kbytes
Page   24 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Single Watchdog Timer

HA16129 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA16129 Datasheet PDF - Hitachi Semiconductor

Part # HA16129
Download  HA16129 Click to download

File Size   135.42 Kbytes
Page   24 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Single Watchdog Timer

HA16129 Datasheet (HTML) - Hitachi Semiconductor


HA16129 Product details

Description
The HA16129FPJ is a watchdog timer IC that monitors a microprocessor for runaway. In addition to the watchdog timer function, the HA16129FPJ also provides a function for supplying a high-precision stabilized power supply to the microprocessor, a power on reset function, a power supply voltage monitoring function, and a fail-safe function that masks the microprocessor outputs if a runaway is detected.

Features
• High-precision output voltage: 5.0V ± 1.5%
• The WDT supports both frequency and duty detection schemes.
• High-precision power supply monitoring function: 4.625V ± 0.125V
• Built-in OUTE function
• All functions can be adjusted with external resistors and/or capacitors.




Similar Part No. - HA16129

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA16129AFPJ ETC-HA16129AFPJ Datasheet
151Kb / 26P
Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp.
logo
Renesas Technology Corp
HA16129AFPJ RENESAS-HA16129AFPJ Datasheet
486Kb / 23P
Single Watchdog Timer
HA16129FPJ RENESAS-HA16129FPJ Datasheet
488Kb / 23P
Single Watchdog Timer
More results


Similar Description - HA16129

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
WATCHDOG TIMER
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
WATCHDOG TIMER
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
Watchdog Timer
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
Watchdog Timer
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
Watchdog Timer
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
Watchdog Timer
HA16129AFPJ RENESAS-HA16129AFPJ Datasheet
486Kb / 23P
Single Watchdog Timer
HA16129FPJ RENESAS-HA16129FPJ Datasheet
488Kb / 23P
Single Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
Watchdog Timer
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com