Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5157YM Datasheet (PDF) - Micrel Semiconductor

MIC5157YM Datasheet PDF - Micrel Semiconductor
Part # MIC5157YM
Download  MIC5157YM Download
File Size   277.19 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Super LDO Regulator Controller

MIC5157YM Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5157YM Datasheet PDF - Micrel Semiconductor

Part # MIC5157YM
Download  MIC5157YM Click to download

File Size   277.19 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Super LDO Regulator Controller

MIC5157YM Datasheet (HTML) - Micrel Semiconductor


MIC5157YM Product details

General Description

The MIC5156, MIC5157, and MIC5158 Super Low-Dropout (LDO) Regulator Controllers are single IC solutions for high current low-dropout linear voltage regulation. Super LDO™ Regulators have the advantages of an external N-channel power MOSFET as the linear pass element.

The MIC5156/7/8 family features a dropout voltage as low as the RDS(ON) of the external power MOSFET multiplied by the output current. The output current can be as high as the largest MOSFETs can provide.



Features

• 4.5mA typical operating current

• <1µA typical standby current

• Low external parts count

• Optional current limit (35mV typical threshold)

• 1% initial output voltage tolerance in most configurations

• 2% output voltage tolerance over temperature

• Fixed output voltages of 3.3V, 5.0V (MIC5156)

• Fixed output voltages of 3.3V, 5.0V, 12V (MIC5157)

• Programmable (1.3 to 36V) with 2 resistors (MIC5156/8)

• Internal charge pump voltage tripler (MIC5157/8)

• Enable pin to activate or shutdown the regulator

• Internal gate-to-source protective clamp

• All versions available in DIP and SOIC



Applications

• Ultrahigh current ultralow dropout voltage regulator

• Constant high-current source

• Low parts count 5.0V to 3.3V computer supply

• Low noise/low-dropout SMPS post regulator

• High-current, current-limited switch



 




Similar Part No. - MIC5157YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5157YM MICREL-MIC5157YM Datasheet
277Kb / 13P
Super LDO??Regulator Controller
More results


Similar Description - MIC5157YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5156 MICREL-MIC5156 Datasheet
94Kb / 11P
Super LDO??Regulator Controller
MIC5159 MICREL-MIC5159 Datasheet
400Kb / 23P
PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
logo
List of Unclassifed Man...
SE5120 ETC1-SE5120 Datasheet
120Kb / 2P
1.5A CMOS Super LDO Voltage Regulator
logo
ON Semiconductor
NCP3520 ONSEMI-NCP3520 Datasheet
161Kb / 10P
LDO Regulator Controller
March, 2007 ??Rev. 0
logo
List of Unclassifed Man...
CYT6119 ETC2-CYT6119 Datasheet
1Mb / 6P
400mA Super LDO Linear Regulator
CYT6120 ETC2-CYT6120 Datasheet
153Kb / 2P
1.5A CMOS Super LDO Voltage Regulator
logo
Acutechnology Semicondu...
AQ120EX ACUTECH-AQ120EX Datasheet
394Kb / 6P
LDO Regulator Controller SOT23-5 Package
Revision 1.2 April 1, 2006
logo
Micrel Semiconductor
MIC5157YM MICREL-MIC5157YM Datasheet
277Kb / 13P
Super LDO??Regulator Controller
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119_12 Datasheet
188Kb / 6P
600mA Super LDO Linear Regulator
logo
E-CMOS Corporation
EC49124 E-CMOS-EC49124 Datasheet
311Kb / 6P
500mA Super LDO Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com