Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5159 Datasheet (PDF) - Micrel Semiconductor

MIC5159 Datasheet PDF - Micrel Semiconductor
Part # MIC5159
Download  MIC5159 Download
File Size   400.35 Kbytes
Page   23 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER

MIC5159 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5159 Datasheet PDF - Micrel Semiconductor

Part # MIC5159
Download  MIC5159 Click to download

File Size   400.35 Kbytes
Page   23 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER

MIC5159 Datasheet (HTML) - Micrel Semiconductor


MIC5159 Product details

General Description
Micrel’s MIC5159 is a precision-voltage regulator controller. Used with an external P-Channel MOSFET, the MIC5159 forms a two-chip low-dropout regulator capable of driving a wide range of output currents.

Features
• Fast transient response
• Input voltage range: VIN 1.65V to 5.5V
• ±1.0% initial output tolerance
• Fixed 1.8V or adjustable output voltage down to 1.25V
• Stable with ceramic output capacitor
• Capable up to 10A
• Excellent line and load regulation specifications
• Logic-controlled shutdown
• Programmable current limit
• Current-limit protection
• IttyBitty® SOT-23-6 package
• Available temperature range:–40°C to +125°C

Applications
• Ultra-high current, ultra-low dropout voltage regulator
• High-efficiency linear power supplies
• Low-voltage distributed power
• Fixed telecom
• Multimedia and PC power supplies
• Battery chargers
• Low-voltage DSP, microprocessor and microcontroller power supplies




Similar Part No. - MIC5159

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5159 MICREL-MIC5159 Datasheet
476Kb / 23P
Programmable Current Limit 關Cap LDO Regulator Controller
MIC5159-1.8BM6 MICREL-MIC5159-1.8BM6 Datasheet
476Kb / 23P
Programmable Current Limit 關Cap LDO Regulator Controller
MIC5159-1.8YM6 MICREL-MIC5159-1.8YM6 Datasheet
476Kb / 23P
Programmable Current Limit 關Cap LDO Regulator Controller
MIC5159-3.0BM6 MICREL-MIC5159-3.0BM6 Datasheet
476Kb / 23P
Programmable Current Limit 關Cap LDO Regulator Controller
MIC5159-3.0YM6 MICREL-MIC5159-3.0YM6 Datasheet
476Kb / 23P
Programmable Current Limit 關Cap LDO Regulator Controller
More results


Similar Description - MIC5159

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
Low Quiescent Current 500mA UCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC37252 MICREL-MIC37252 Datasheet
76Kb / 8P
2.5A, Low Voltage UCap LDO Regulator
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC37300 MICREL-MIC37300 Datasheet
164Kb / 12P
3.0A, LOW VOLTAGE UCAP LDO REGULATOR
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
150mA UCap Dual LDO Regulator
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
150mA uCap LDO Regulator
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
5A, Low voltage uCap LDO REgulator
MIC5159 MICREL-MIC5159_06 Datasheet
476Kb / 23P
Programmable Current Limit 關Cap LDO Regulator Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com