Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF701-LF-T7 Datasheet (PDF) - Protek Devices

STF701-LF-T7 Datasheet PDF - Protek Devices
Part # STF701-LF-T7
Download  STF701-LF-T7 Download
File Size   708.37 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description Compatible with IEC 61000-4-2 (ESD) Air 15kV, Contact 8kV

STF701-LF-T7 Datasheet (PDF)

Go To PDF Page Download Datasheet
STF701-LF-T7 Datasheet PDF - Protek Devices

Part # STF701-LF-T7
Download  STF701-LF-T7 Click to download

File Size   708.37 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description Compatible with IEC 61000-4-2 (ESD) Air 15kV, Contact 8kV

STF701-LF-T7 Datasheet (HTML) - Protek Devices


STF701-LF-T7 Product details

FEATURES
✔ ESD Protection > 25 kilovolts
✔ 175 Watts Peak Pulse Power per Line (tp = 8/20µs)
✔ Bidirectional EMI Filtering
✔ Low Insertion Loss: Up to 10MHz, -3db Roll-Off @ 40MHz
✔ Protects Up to Two (2) Data Lines
✔ RoHS Compliant in Lead-Free Versions

APPLICATIONS
✔ Cellular Phones
✔ SMART Cards
✔ Notebooks
✔ Personal Digital Assistant (PDA)
✔ Ground Positioning System (GPS)

MECHANICAL CHARACTERISTICS
✔ Molded JEDEC SC-70-5L
✔ Weight 7 milligrams (Approximate)
✔ Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
   Tin-Lead - Sn/Pb, 85/15: 240-245°C
   Pure-Tin - Sn, 100: 260-270°C
✔ Flammability Rating UL 94V-0
✔ 8mm Tape and Reel Per EIA Standard 481
✔ Marking: Marking Code & Pin One Defined By Dot on Top of Package

IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns




Similar Part No. - STF701-LF-T7

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
STF701 SEMTECH-STF701 Datasheet
173Kb / 6P
T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
logo
Protek Devices
STF701 PROTEC-STF701 Datasheet
114Kb / 4P
EMI FILTER/TVS ARRAY
STF701 PROTEC-STF701 Datasheet
705Kb / 7P
emi filter/tvs array
logo
Semtech Corporation
STF701TC SEMTECH-STF701TC Datasheet
173Kb / 6P
T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
STF701TG SEMTECH-STF701TG Datasheet
173Kb / 6P
T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
More results


Similar Description - STF701-LF-T7

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE5UFN10A PANJIT-PJE5UFN10A Datasheet
152Kb / 5P
IEC61000-4-2(ESD): 15kV Air, 8kV Contact Compliance
logo
First Silicon Co., Ltd
PE12A-0402 FS-PE12A-0402 Datasheet
241Kb / 4P
IEC61000-4-2 ESD contact discharge typical 8KV, max 15KV
logo
AMAZING Microelectronic...
AZKN1040T AMAZING-AZKN1040T Datasheet
1Mb / 13P
짹70V Fault Protected High-Speed CAN Transceiver with IEC 61000-4-2 contact 짹12kV ESD Protection
Revision 2021/10/14
logo
Guangdong Youtai Semico...
PSD03 UMW-PSD03 Datasheet
478Kb / 5P
Compatible with IEC 61000-4-2 (ESD): Air -15kV, Contact - 8kV
PSM712 UMW-PSM712 Datasheet
497Kb / 4P
Compatible with IEC 61000-4-2 (ESD): Air 15kV,Contact 8kV
PSOT03 UMW-PSOT03 Datasheet
594Kb / 5P
Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
SDD32A05L01 UMW-SDD32A05L01 Datasheet
413Kb / 3P
IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SDD32C05L01 UMW-SDD32C05L01 Datasheet
416Kb / 3P
IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SET23AXXL02 UMW-SET23AXXL02 Datasheet
408Kb / 5P
IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
UAD8C05L01 UMW-UAD8C05L01 Datasheet
368Kb / 4P
IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com