Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSM712 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

PSM712 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # PSM712
Download  PSM712 Download
File Size   497.9 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Compatible with IEC 61000-4-2 (ESD): Air 15kV,Contact 8kV

PSM712 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSM712 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # PSM712
Download  PSM712 Click to download

File Size   497.9 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Compatible with IEC 61000-4-2 (ESD): Air 15kV,Contact 8kV

PSM712 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


PSM712 Product details

The PSM712 is an asymmetrical transient voltage suppressor
(TVS) array,
designed specifically for RS-485 applications. This device provides
protection
against ESD, tertiary lightning and switching transients.
The PSM712 has a peak pulse power of 600 Watts for an 8/20μs
waveshape and is available in SOT-23 package con-figuration.
This device meets the IEC 61000-4-2, 61000-4-4 and IEC 61000 -4-
5 requirements.
DESCRIPTION

FEATURES
Compatible with IEC 61000-4-2 (ESD): Air 15kV,Contact 8kV
Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
Compatible with IEC 61000-4-5 (Surge): 24A,8/20μs - Level 2
(Line- Ground) & Level 3(Line -Line)
600 Watts Peak Pulse Power per Line(tp =8/20 μs)

APPLICATIONS
RS-485 Transceivers
Network Interfaces
Wireless Systems
Portable Electronics




Similar Part No. - PSM712

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSM712 ETC-PSM712 Datasheet
163Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
logo
Protek Devices
PSM712 PROTEC-PSM712 Datasheet
59Kb / 3P
STANDARD CAPACITANCE TVS ARRAY
PSM712 PROTEC-PSM712 Datasheet
693Kb / 7P
600 WATT TVS ARRAY-ASYMMETRICAL DATA LINE PROTECTOR
PSM712-12V PROTEC-PSM712-12V Datasheet
694Kb / 7P
600 WATT TVS ARRAY - ASYMMETRICAL DATA LINE PROTECTOR
PSM712-7V PROTEC-PSM712-7V Datasheet
694Kb / 7P
600 WATT TVS ARRAY - ASYMMETRICAL DATA LINE PROTECTOR
More results


Similar Description - PSM712

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE5UFN10A PANJIT-PJE5UFN10A Datasheet
152Kb / 5P
IEC61000-4-2(ESD): 15kV Air, 8kV Contact Compliance
logo
Protek Devices
STF701-LF-T7 PROTEC-STF701-LF-T7 Datasheet
708Kb / 7P
Compatible with IEC 61000-4-2 (ESD) Air 15kV, Contact 8kV
logo
First Silicon Co., Ltd
PE12A-0402 FS-PE12A-0402 Datasheet
241Kb / 4P
IEC61000-4-2 ESD contact discharge typical 8KV, max 15KV
logo
AMAZING Microelectronic...
AZKN1040T AMAZING-AZKN1040T Datasheet
1Mb / 13P
짹70V Fault Protected High-Speed CAN Transceiver with IEC 61000-4-2 contact 짹12kV ESD Protection
Revision 2021/10/14
logo
Guangdong Youtai Semico...
PSD03 UMW-PSD03 Datasheet
478Kb / 5P
Compatible with IEC 61000-4-2 (ESD): Air -15kV, Contact - 8kV
PSOT03 UMW-PSOT03 Datasheet
594Kb / 5P
Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
SDD32A05L01 UMW-SDD32A05L01 Datasheet
413Kb / 3P
IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SDD32C05L01 UMW-SDD32C05L01 Datasheet
416Kb / 3P
IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
SET23AXXL02 UMW-SET23AXXL02 Datasheet
408Kb / 5P
IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
UAD8C05L01 UMW-UAD8C05L01 Datasheet
368Kb / 4P
IEC61000-4-2 ESD 15KV Air, 8KV contact compliance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com