Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSM712 Datasheet (PDF) - Protek Devices

PSM712 Datasheet PDF - Protek Devices
Part # PSM712
Download  PSM712 Download
File Size   59.21 Kbytes
Page   3 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STANDARD CAPACITANCE TVS ARRAY

PSM712 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSM712 Datasheet PDF - Protek Devices

Part # PSM712
Download  PSM712 Click to download

File Size   59.21 Kbytes
Page   3 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description STANDARD CAPACITANCE TVS ARRAY

PSM712 Datasheet (HTML) - Protek Devices


PSM712 Product details

DESCRIPTION
The PSM712 is an asymmetrical transient voltage suppressor (TVS) array, designed specifcally for RS-485 applicatons. This device provides protecton against ESD, tertary lightning and switching transients.
The PSM712 has a peak pulse power of 600 Wats for an 8/20µs waveshape and is available in SOT-23 package confguraton. This device meets the IEC 61000-4-2, 61000-4-4 and IEC 61000-4-5 requirements.

FEATuRES
• Compatble with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatble with IEC 61000-4-4 (EFT): 40A, 5/50ns
• Compatble with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(LineGround) & Level 3 (Line-Line)
• 600 Wats Peak Pulse Power per Line(tp = 8/20µs)
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• RS-485 Transceivers
• Network Interfaces
• Wireless Systems
• Portable Electronics




Similar Part No. - PSM712

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSM712 ETC-PSM712 Datasheet
163Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
logo
Protek Devices
PSM712 PROTEC-PSM712 Datasheet
693Kb / 7P
600 WATT TVS ARRAY-ASYMMETRICAL DATA LINE PROTECTOR
logo
Guangdong Youtai Semico...
PSM712 UMW-PSM712 Datasheet
497Kb / 4P
Compatible with IEC 61000-4-2 (ESD): Air 15kV,Contact 8kV
logo
Protek Devices
PSM712-12V PROTEC-PSM712-12V Datasheet
694Kb / 7P
600 WATT TVS ARRAY - ASYMMETRICAL DATA LINE PROTECTOR
PSM712-7V PROTEC-PSM712-7V Datasheet
694Kb / 7P
600 WATT TVS ARRAY - ASYMMETRICAL DATA LINE PROTECTOR
More results


Similar Description - PSM712

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com