Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSM712 Datasheet(PDF) 1 Page - Protek Devices

Part # PSM712
Description  STANDARD CAPACITANCE TVS ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSM712 Datasheet(HTML) 1 Page - Protek Devices

  PSM712 Datasheet HTML 1Page - Protek Devices PSM712 Datasheet HTML 2Page - Protek Devices PSM712 Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PSM712
STANDARD CAPACITANCE TVS ARRAY
1
05094.R5 2/07
www.protekdevices.com
APPLICATIONS
✔ RS-485 Transceivers
✔ Network Interfaces
✔ Wireless Systems
✔ Portable Electronics
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
✔ 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-Ground) & Level 3(Line-Line)
FEATURES
✔ ESD Protection > 40 kilovolts
✔ 600 Watts Peak Pulse Power per Line (tp = 8/20µs)
✔ Asymmetrical Data Line Protection
✔ RoHS Compliant
MECHANICAL
CHARACTERISTICS
✔ Molded JEDEC SOT-23 Package
✔ Weight 8 milligrams (Approximate)
✔ Available in Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
✔ Consult Factory for Leaded Device Availability
✔ Flammability Rating UL 94V-0
✔ 8mm Tape and Reel Per EIA Standard 481
✔ Marking: Marking Code
SOT-23
PIN CONFIGURATION
2
3
1


Similar Part No. - PSM712

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSM712 ETC-PSM712 Datasheet
163Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
logo
Protek Devices
PSM712 PROTEC-PSM712 Datasheet
693Kb / 7P
600 WATT TVS ARRAY-ASYMMETRICAL DATA LINE PROTECTOR
logo
Guangdong Youtai Semico...
PSM712 UMW-PSM712 Datasheet
497Kb / 4P
Compatible with IEC 61000-4-2 (ESD): Air 15kV,Contact 8kV
logo
Protek Devices
PSM712-12V PROTEC-PSM712-12V Datasheet
694Kb / 7P
600 WATT TVS ARRAY - ASYMMETRICAL DATA LINE PROTECTOR
PSM712-7V PROTEC-PSM712-7V Datasheet
694Kb / 7P
600 WATT TVS ARRAY - ASYMMETRICAL DATA LINE PROTECTOR
More results

Similar Description - PSM712

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com