Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC595 Datasheet (PDF) - ON Semiconductor

74HC595 Datasheet PDF - ON Semiconductor
Part # 74HC595
Download  74HC595 Download
File Size   160.83 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8?묪it Serial?묲nput/Serial or Parallel.Output Shift Register with Latched 3?뭆tate Outputs

74HC595 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC595 Datasheet PDF - ON Semiconductor

Part # 74HC595
Download  74HC595 Click to download

File Size   160.83 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8?묪it Serial?묲nput/Serial or Parallel.Output Shift Register with Latched 3?뭆tate Outputs

74HC595 Datasheet (HTML) - ON Semiconductor


74HC595 Product details

The 74HC595 consists of an 8−bit shift register and an 8−bit D−type latch with three−state parallel outputs. The shift register accepts serial data and provides a serial output. The shift register also provides parallel data to the 8−bit latch. The shift register and latch have independent clock inputs. This device also has an asynchronous reset for the shift register.
The HC595 directly interfaces with the SPI serial data port on CMOS MPUs and MCUs.

Features
• Output Drive Capability: 15 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 A
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements Defined by JEDEC Standard No. 7A
• ESD Performance: HBM  2000 V; Machine Model  200 V
• Chip Complexity: 328 FETs or 82 Equivalent Gates
• Improvements over HC595
    − Improved Propagation Delays
    − 50% Lower Quiescent Power
    − Improved Input Noise and Latchup Immunity
• These are Pb−Free Devices




Similar Part No. - 74HC595

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HC595 ONSEMI-74HC595 Datasheet
248Kb / 12P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
logo
NXP Semiconductors
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
logo
STMicroelectronics
74HC595 STMICROELECTRONICS-74HC595 Datasheet
282Kb / 13P
8 BIT SHIFT REGISTER WITH OUTPUT LATCHES 3 STATE
Apr-1993
logo
Hitachi Semiconductor
74HC595 HITACHI-74HC595 Datasheet
57Kb / 10P
8-bit Shift Register/Latch (with 3-state outputs)
logo
Wing Shing Computer Com...
74HC595 WINGS-74HC595 Datasheet
251Kb / 8P
8-Bit Shift Registers W ith Latched 3-State Output
More results


Similar Description - 74HC595

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC595A ONSEMI-MC74HC595A Datasheet
248Kb / 12P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
March, 2000 ??Rev. 8
logo
System Logic Semiconduc...
SL74HC595 SLS-SL74HC595 Datasheet
81Kb / 10P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
Integral Corp.
IN74HC595A INTEGRAL-IN74HC595A Datasheet
156Kb / 9P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
ON Semiconductor
MC74HC164A ONSEMI-MC74HC164A_06 Datasheet
184Kb / 11P
8?묪it Serial?묲nput/Parallel?뭀utput Shift Register
October, 2006 ??Rev. 4
MC74HC165A ONSEMI-MC74HC165A_05 Datasheet
135Kb / 12P
8?묪it Serial or Parallel?묲nput/ Serial?뭀utput Shift Register High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 5
logo
Renesas Technology Corp
HD74HC589 RENESAS-HD74HC589 Datasheet
198Kb / 9P
8-bit Serial or Parallel-input/Serial-output Shift Register (with 3-state outputs)
logo
Unisonic Technologies
U74HC595A UTC-U74HC595A Datasheet
189Kb / 6P
8-BIT SERIAL-IN SHIFT REGISTER WITH LATCHED 3-STATE PARALLEL OUTPUTS, PROVIDING SERIAL OUTPUT
logo
ON Semiconductor
74HC595 ONSEMI-74HC595 Datasheet
160Kb / 13P
8?묪it Serial?묲nput/Serial or Parallel?뭀utput Shift Register with Latched 3?뭆tate Outputs
March, 2007 ??Rev. 1
MC74HC595ADTG ONSEMI-MC74HC595ADTG Datasheet
158Kb / 12P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
July, 2013 ??Rev. 15
MC74HCT595ADG ONSEMI-MC74HCT595ADG Datasheet
151Kb / 11P
8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs and LSTTL Compatible Inputs
March, 2011 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com