Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS3413 Datasheet (PDF) - Shenzhen Winsemi Microelectronics Co., Ltd

WS3413 Datasheet PDF - Shenzhen Winsemi Microelectronics Co., Ltd
Part # WS3413
Download  WS3413 Download
File Size   178.76 Kbytes
Page   8 Pages
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd
Description WS3413 Active PFC Non-isolated Buck LED Driver

WS3413 Datasheet (PDF)

Go To PDF Page Download Datasheet
WS3413 Datasheet PDF - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3413
Download  WS3413 Click to download

File Size   178.76 Kbytes
Page   8 Pages
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd
Description WS3413 Active PFC Non-isolated Buck LED Driver

WS3413 Datasheet (HTML) - Shenzhen Winsemi Microelectronics Co., Ltd


WS3413 Product details

General Description

The WS3413 is designed for active PFC non-isolated buck LED driver. It operates at valley switching mode with high efficiency, low EMI and High PF. The output current automatically adapt to the variation of the inductance and the output voltage.The truly constant current LED is realized. The WS3413 integrates 500V power MOSFET, using DIP-8 package, producing up to 260mA output current. It can achieve excellent constant current performance with very few external components.



Features

High Power Factor Correction, Low Total Harmonic Distortion

Dynamic Temperature Compensation

500V Power MOSFET Integrated

No Auxiliary Winding For Supplying

SOP8 Package,Up To 260mA Output Current

Valley Switching, High efficiency,Low EMI

Automatic Compensate the Inductance Variation

Automatic Adapt to the Change of Output Voltage

LED Short Circuit Protection

Over Voltage Protection

Over Temperature Protection

Open Circuit Protection

Few External Components



Applications

LED Driver Supply




Similar Part No. - WS3413

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS3413 ETC2-WS3413 Datasheet
549Kb / 9P
Non-isolated Buck APFC Offline LED Driver
logo
Shenzhen Winsemi Microe...
WS3413 WINSEMI-WS3413 Datasheet
549Kb / 9P
Non-isolated Buck APFC Offline LED Driver
WS3413D7P WINSEMI-WS3413D7P Datasheet
549Kb / 9P
Non-isolated Buck APFC Offline LED Driver
logo
List of Unclassifed Man...
WS3413E ETC2-WS3413E Datasheet
559Kb / 9P
Non-isolated Buck APFC Offline LED Driver
logo
Shenzhen Winsemi Microe...
WS3413E WINSEMI-WS3413E Datasheet
559Kb / 9P
Non-isolated Buck APFC Offline LED Driver
More results


Similar Description - WS3413

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSLS7031 ETC2-ZSLS7031 Datasheet
1Mb / 22P
Isolated and Non-isolated Flyback LED Driver with Active PFC
logo
Shenzhen Winsemi Microe...
WS3410 WINSEMI-WS3410 Datasheet
177Kb / 8P
WS3410 Active PFC Non-isolated Buck LED Driver
WS3411 WINSEMI-WS3411 Datasheet
180Kb / 8P
WS3411 Active PFC Non-isolated Buck LED Driver
WS3412 WINSEMI-WS3412 Datasheet
173Kb / 8P
WS3412 Active PFC Non-isolated Buck LED Driver
logo
Integrated Device Techn...
ZLED7031 IDT-ZLED7031 Datasheet
1Mb / 20P
Isolated and Non-isolated Flyback LED Driver with Active PFC
logo
Holtek Semiconductor In...
HT7L4811 HOLTEK-HT7L4811 Datasheet
1Mb / 12P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
HT7L4813 HOLTEK-HT7L4813 Datasheet
2Mb / 10P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
HT7L4815 HOLTEK-HT7L4815 Datasheet
2Mb / 9P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
logo
Princeton Technology Co...
RS2322 PTC-RS2322 Datasheet
313Kb / 4P
High Accurate non-isolated Buck-Boost LED Driver with Active PFC
logo
Renesas Technology Corp
ZSLS7031 RENESAS-ZSLS7031 Datasheet
1Mb / 21P
Isolated and Non-isolated Flyback LED Driver with Active PFC
January 26, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com