Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS3413 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3413
Description  WS3413 Active PFC Non-isolated Buck LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS3413 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS3413 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3413 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3413 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3413 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3413 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3413 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3413 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS3413 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
W/T-D045-Rev.A/ 0 May.2014
0514
WS3413 Product Description
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
WIN SEM I
M ICROELECTRON ICS
Features
Features
Features
Features
�
High
Power
Factor
Correction,
Low
Total
Harmonic Distortion
�
Dynamic Temperature Compensation
�
500V Power MOSFET Integrated
�
No Auxiliary Winding For Supplying
�
DIP8 Package, Up To 260mA Output Current
�
Valley Switching, High efficiency, Low EMI
�
Automatic Compensate the Inductance Variation
�
Automatic Adapt to the Change of Output Voltage
�
LED Short Circuit Protection
�
Over Voltage Protection
�
Over Temperature Protection
�
Open Circuit Protection
�
Few External Components
Applications
Applications
Applications
Applications
�
LED Driver Supply
General
General
General
General Description
Description
Description
Description
The WS3413 is designed for active PFC non-isolated buck
LED driver. It operates at valley switching mode with high
efficiency, low EMI and High PF. The output current
automatically adapt to the variation of the inductance and the
output voltage. The truly constant current LED is realized.
The WS3413 integrates 500V power MOSFET, using DIP8
package,
producing
up
to
260mA
output
current.
It can achieve excellent constant current performance with
very few external components.
The WS3413 offers rich protection functions, including over
voltage protection, LED short circuit protection, cycle by
cycle current limiting, dynamic temperature compensation,
over temperature protection and soft start.
WS3413 consumes very low start current and operation
current,
driving
LED
efficiently
under
universal
AC
input(85VAC~265VAC).
WS3413 is available in DIP8 package.
Typical
Typical
Typical
Typical Application
Application
Application
Application Circuit
Circuit
Circuit
Circuit
WS341
WS341
WS341
WS3413
3
3
3 Active
Active
Active
Active PFC
PFC
PFC
PFC Non-isolated
Non-isolated
Non-isolated
Non-isolated Buck
Buck
Buck
Buck LED
LED
LED
LED Driver
Driver
Driver
Driver
L E D +
LE D -
A C
5
5
5
5
6
6
6
6
3
3
3
3
2
2
2
2
8
8
8
8
7
7
7
7
4
4
4
4
1
1
1
1
D
D
V C C
G N D
C O M P
F B
C S
C S


Similar Part No. - WS3413

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS3413 ETC2-WS3413 Datasheet
549Kb / 9P
Non-isolated Buck APFC Offline LED Driver
logo
Shenzhen Winsemi Microe...
WS3413 WINSEMI-WS3413 Datasheet
549Kb / 9P
Non-isolated Buck APFC Offline LED Driver
WS3413D7P WINSEMI-WS3413D7P Datasheet
549Kb / 9P
Non-isolated Buck APFC Offline LED Driver
logo
List of Unclassifed Man...
WS3413E ETC2-WS3413E Datasheet
559Kb / 9P
Non-isolated Buck APFC Offline LED Driver
logo
Shenzhen Winsemi Microe...
WS3413E WINSEMI-WS3413E Datasheet
559Kb / 9P
Non-isolated Buck APFC Offline LED Driver
More results

Similar Description - WS3413

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSLS7031 ETC2-ZSLS7031 Datasheet
1Mb / 22P
Isolated and Non-isolated Flyback LED Driver with Active PFC
logo
Shenzhen Winsemi Microe...
WS3410 WINSEMI-WS3410 Datasheet
177Kb / 8P
WS3410 Active PFC Non-isolated Buck LED Driver
WS3411 WINSEMI-WS3411 Datasheet
180Kb / 8P
WS3411 Active PFC Non-isolated Buck LED Driver
WS3412 WINSEMI-WS3412 Datasheet
173Kb / 8P
WS3412 Active PFC Non-isolated Buck LED Driver
logo
Integrated Device Techn...
ZLED7031 IDT-ZLED7031 Datasheet
1Mb / 20P
Isolated and Non-isolated Flyback LED Driver with Active PFC
logo
Holtek Semiconductor In...
HT7L4811 HOLTEK-HT7L4811 Datasheet
1Mb / 12P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
HT7L4813 HOLTEK-HT7L4813 Datasheet
2Mb / 10P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
HT7L4815 HOLTEK-HT7L4815 Datasheet
2Mb / 9P
Non-isolation Buck LED Lighting Driver with Active PFC
June 26, 2015
logo
Princeton Technology Co...
RS2322 PTC-RS2322 Datasheet
313Kb / 4P
High Accurate non-isolated Buck-Boost LED Driver with Active PFC
logo
Renesas Technology Corp
ZSLS7031 RENESAS-ZSLS7031 Datasheet
1Mb / 21P
Isolated and Non-isolated Flyback LED Driver with Active PFC
January 26, 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com