Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE33284 Datasheet (PDF) - NEC

NE33284 Datasheet PDF - NEC
Part # NE33284
Download  NE33284 Download
File Size   62.89 Kbytes
Page   10 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET

NE33284 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE33284 Datasheet PDF - NEC

Part # NE33284
Download  NE33284 Click to download

File Size   62.89 Kbytes
Page   10 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET

NE33284 Datasheet (HTML) - NEC


NE33284 Product details

DESCRIPTION
The NE33284A is a Hetero-Junction FET that uses the junction between Si-doped AlGaAs and undoped InGaAs to create very high mobility electrons. The device features mushroom shaped TiAl gates for decreased gate resistance and improved power handling capabilities. The mushroom gate also results in lower noise figure and high associated gain. This device is housed in an epoxy-sealed, metal/ceramic package and is intended for high volume consumer and industrial applications.

FEATURES
• VERY LOW NOISE FIGURE: 0.8 dB typical at 12 GHz
• HIGH ASSOCIATED GAIN: 10.5 dB Typical at 12 GHz
• GATE LENGTH: 0.3 µm
• GATE WIDTH: 280 µm
• LOW COST METAL/CERAMIC PACKAGE
• TAPE & REEL PACKAGING OPTION AVAILABLE




Similar Part No. - NE33284

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A Datasheet
53Kb / 5P
SUPER LOW NOISE HJ FET
NE33284A-T1 NEC-NE33284A-T1 Datasheet
53Kb / 5P
SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE33284A-T1 CEL-NE33284A-T1 Datasheet
54Kb / 5P
SUPER LOW NOISE HJ FET
logo
NEC
NE33284AS NEC-NE33284AS Datasheet
53Kb / 5P
SUPER LOW NOISE HJ FET
More results


Similar Description - NE33284

ManufacturerPart #DatasheetDescription
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE4210S01 NEC-NE4210S01 Datasheet
65Kb / 16P
X to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3511S02 CEL-NE3511S02 Datasheet
288Kb / 10P
X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3515S02-T1C-A CEL-NE3515S02-T1C-A Datasheet
415Kb / 9P
X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3511S02 RENESAS-NE3511S02 Datasheet
210Kb / 11P
X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3515S02 RENESAS-NE3515S02 Datasheet
225Kb / 12P
X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com