Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C16245 Datasheet (PDF) - Pericom Semiconductor Corporation

PI5C16245 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5C16245
Download  PI5C16245 Download
File Size   238.61 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 16-Bit, 2-Port Bus Switch

PI5C16245 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5C16245 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5C16245
Download  PI5C16245 Click to download

File Size   238.61 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 16-Bit, 2-Port Bus Switch

PI5C16245 Datasheet (HTML) - Pericom Semiconductor Corporation


PI5C16245 Product details

Description:

Pericom Semiconductor’s PI5C16245 and PI5C162245 are 16-bit, 2-port bus switches that are pin compatible with the 74 series 16245 16-bit transceiver. Two enable signals (nBE) turn the switches on similar to the enable signals of the 16245. The bus switch creates no additional propagation delay or additional ground bounce noise.

The PI5C162245 device has a built-in 25-ohm series resistor to reduce noise due to reflections, thus eliminating the need for an external terminating resistor.



Features:

• Near-Zero propagation delay

• 5-ohm switches connect inputs to outputs

• Direct bus connection when switches are ON

• Ultra-low quiescent power (0.2 μA typical) – Ideally suited for notebook applications

• Pin compatible with 74 series16245

• Industrial operating temperature: –40°C to +85°C

• Packages (Pb-free & Green available):

   – 48-pin 240-mil wide thin plastic TSSOP (A)

   – 48-pin 150-mil wide plastic BQSOP (B)

   – 48-pin 300-mil wide plastic SSOP (V)



 




Similar Part No. - PI5C16245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C16245 PERICOM-PI5C16245 Datasheet
195Kb / 5P
16-Bit, 2-Port Bus Switch
PI5C16245A PERICOM-PI5C16245A Datasheet
195Kb / 5P
16-Bit, 2-Port Bus Switch
PI5C16245B PERICOM-PI5C16245B Datasheet
195Kb / 5P
16-Bit, 2-Port Bus Switch
PI5C16245V PERICOM-PI5C16245V Datasheet
195Kb / 5P
16-Bit, 2-Port Bus Switch
More results


Similar Description - PI5C16245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B32X245 PERICOM-PI3B32X245 Datasheet
227Kb / 3P
3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch
PI5C16245 PERICOM-PI5C16245 Datasheet
195Kb / 5P
16-Bit, 2-Port Bus Switch
PI3VT32X245 PERICOM-PI3VT32X245 Datasheet
327Kb / 4P
16-Bit, 2-Port, Low Voltage Translator Bus Switch
PI5C32X384 PERICOM-PI5C32X384_06 Datasheet
464Kb / 5P
20-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B16244A POTATO-PO3B16244A Datasheet
552Kb / 6P
16-Bit, 4-Port Bus Switch
PO3B16245A POTATO-PO3B16245A Datasheet
551Kb / 6P
16-Bit, 2-Port Bus Switch
PO3B16244A POTATO-PO3B16244A_14 Datasheet
1Mb / 5P
16-Bit, 4-Port Bus Switch
PO3B16245A POTATO-PO3B16245A_14 Datasheet
1Mb / 5P
16-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI3VT32X245-A PERICOM-PI3VT32X245-A Datasheet
708Kb / 5P
16-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3B32X245 PERICOM-PI3B32X245_06 Datasheet
317Kb / 4P
3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com