Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74CDC857 Datasheet (PDF) - Hitachi Semiconductor

HD74CDC857 Datasheet PDF - Hitachi Semiconductor
Part # HD74CDC857
Download  HD74CDC857 Download
File Size   54.28 Kbytes
Page   12 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 3.3/2.5-V Phase-lock Loop Clock Driver

HD74CDC857 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74CDC857 Datasheet PDF - Hitachi Semiconductor

Part # HD74CDC857
Download  HD74CDC857 Click to download

File Size   54.28 Kbytes
Page   12 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 3.3/2.5-V Phase-lock Loop Clock Driver

HD74CDC857 Datasheet (HTML) - Hitachi Semiconductor


HD74CDC857 Product details

Description
The HD74CDC857 is a high-performance, low-skew, low-jitter, phase locked loop clock driver. It is specifically designed for use with DDR (Double Data Rate) synchronous DRAMs.

Features
• Supports 100 MHz to 150 MHz operation range *1
• Distributes one differential clock input pair to ten differential clock outputs pairs
• SSTL_2 (Stub Series Terminated Logic) differential inputs and LVCMOS reset (G) input
• Supports spread spectrum clock
• External feedback pins (FBIN, FBIN) are used to synchronize the outputs to the clock input
• Supports both 3.3 V/2.5V analog supply voltage (AVCC), and 2.5 V VDDQ
• No external RC network required
• Sleep mode detection
• 48pin TSSOP (Thin Shrink Small Outline Package)




Similar Part No. - HD74CDC857

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
3.3-V Phase-lock Loop Clock Driver
logo
Renesas Technology Corp
HD74CDC2509B RENESAS-HD74CDC2509B Datasheet
228Kb / 8P
3.3-V Phase-lock Loop Clock Driver
HD74CDC2509BTEL RENESAS-HD74CDC2509BTEL Datasheet
228Kb / 8P
3.3-V Phase-lock Loop Clock Driver
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
3.3-V Phase-lock Loop Clock Driver
logo
Renesas Technology Corp
HD74CDC2510B RENESAS-HD74CDC2510B Datasheet
229Kb / 8P
3.3-V Phase-lock Loop Clock Driver
More results


Similar Description - HD74CDC857

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2510A TI-CDC2510A Datasheet
308Kb / 13P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com