Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC154 Datasheet (PDF) - Hitachi Semiconductor

HD74HC154 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC154
Download  HD74HC154 Download
File Size   34.96 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4-to-16-line Decoder/Demultiplexer

HD74HC154 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC154 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC154
Download  HD74HC154 Click to download

File Size   34.96 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4-to-16-line Decoder/Demultiplexer

HD74HC154 Datasheet (HTML) - Hitachi Semiconductor


HD74HC154 Product details

Description
The HD74HC154 has 4 binary select inputs (A, B, C and D). IF the device is enabled these inputs determine which one of the 16 normally high outputs will go low. Two active low enables (G1 and G 2) are provided to ease cascading of decoders with little or no external logic.

Features
• High Speed Operation: tpd (A, B, C, D to Y) = 19 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC154

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC151 HITACHI-HD74HC151 Datasheet
51Kb / 8P
1 of-8-line Data Selector/Multiplexer
logo
Renesas Technology Corp
HD74HC151 RENESAS-HD74HC151 Datasheet
96Kb / 7P
1-of-8-line Data Selector/Multiplexer
HD74HC151FPEL RENESAS-HD74HC151FPEL Datasheet
96Kb / 7P
1-of-8-line Data Selector/Multiplexer
HD74HC151P RENESAS-HD74HC151P Datasheet
96Kb / 7P
1-of-8-line Data Selector/Multiplexer
HD74HC151RPEL RENESAS-HD74HC151RPEL Datasheet
96Kb / 7P
1-of-8-line Data Selector/Multiplexer
More results


Similar Description - HD74HC154

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C154 NSC-MM54C154 Datasheet
101Kb / 4P
4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
4-to-16 line decoder/demultiplexer
September 1993
74LV154 PHILIPS-74LV154 Datasheet
131Kb / 12P
4-to-16 line decoder/demultiplexer
1998 Apr 28
logo
STMicroelectronics
M74HC154 STMICROELECTRONICS-M74HC154 Datasheet
170Kb / 8P
4 TO 16 LINE DECODER/DEMULTIPLEXER
Oct-1993
logo
Fairchild Semiconductor
DM74LS154 FAIRCHILD-DM74LS154 Datasheet
52Kb / 5P
4-Line to 16-Line Decoder/Demultiplexer
MM74C154 FAIRCHILD-MM74C154 Datasheet
51Kb / 6P
4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HCT154 PHILIPS-74HCT154 Datasheet
144Kb / 22P
4-to-16 line decoder/demultiplexer
2004 Oct 12
74HC154 NXP-74HC154 Datasheet
138Kb / 21P
4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74HC_HCT154 PHILIPS-74HC_HCT154_15 Datasheet
138Kb / 21P
4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
logo
Nexperia B.V. All right...
74HCT154 NEXPERIA-74HCT154 Datasheet
294Kb / 17P
4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com