Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC164 Datasheet (PDF) - Hitachi Semiconductor

74HC164 Datasheet PDF - Hitachi Semiconductor
Part # 74HC164
Download  74HC164 Download
File Size   51.28 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 8-bit Parallel-out Shift Register

74HC164 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC164 Datasheet PDF - Hitachi Semiconductor

Part # 74HC164
Download  74HC164 Click to download

File Size   51.28 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 8-bit Parallel-out Shift Register

74HC164 Datasheet (HTML) - Hitachi Semiconductor


74HC164 Product details

Description
This 8-bit shift register has gated serial inputs and clear. Each register bit is a D-type master/slave flip-flop.

Features
• High Speed Operation: tpd (Clock to Q) = 14.5 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max




Similar Part No. - 74HC164

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC164 PHILIPS-74HC164 Datasheet
54Kb / 8P
8-bit serial-in/parallel-out shift register
Rev. 03-4 April 2005
logo
STMicroelectronics
74HC164 STMICROELECTRONICS-74HC164 Datasheet
254Kb / 12P
8 BIT SIPO SHIFT REGISTER
Oct-1992
logo
Texas Instruments
74HC164 TI-74HC164 Datasheet
109Kb / 14P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
System Logic Semiconduc...
74HC164 SLS-74HC164 Datasheet
50Kb / 5P
8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
logo
Fairchild Semiconductor
74HC164 FAIRCHILD-74HC164 Datasheet
74Kb / 7P
8-Bit Serial-in/Parallel-out Shift Register
More results


Similar Description - 74HC164

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C164 NSC-MM54C164 Datasheet
128Kb / 6P
8-Bit Parallel-Out Serial Shift Register
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
8-bit serial-in/parallel-out shift register
1998 May 07
logo
Texas Instruments
SN74ALS164A TI-SN74ALS164A Datasheet
95Kb / 6P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
Fairchild Semiconductor
MM74C164 FAIRCHILD-MM74C164 Datasheet
78Kb / 7P
8-Bit Parallel-Out Serial Shift Register
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
logo
Renesas Technology Corp
HD74HC164 RENESAS-HD74HC164 Datasheet
94Kb / 7P
8-bit Parallel-out Shift Register
HD74HC164 RENESAS-HD74HC164_15 Datasheet
145Kb / 10P
8-bit Parallel-out Shift Register
logo
Texas Instruments
SN74ALS164A TI1-SN74ALS164A_14 Datasheet
665Kb / 14P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
Unisonic Technologies
U74AHC164 UTC-U74AHC164_V01 Datasheet
225Kb / 5P
8-BIT SERIAL-PARALLEL-OUT SHIFT REGISTER
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com