Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC21 Datasheet (PDF) - Hitachi Semiconductor

HD74HC21 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC21
Download  HD74HC21 Download
File Size   45.24 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual 4-input AND Gates

HD74HC21 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC21 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC21
Download  HD74HC21 Click to download

File Size   45.24 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual 4-input AND Gates

HD74HC21 Datasheet (HTML) - Hitachi Semiconductor


HD74HC21 Product details

Features
• High Speed Operation: tpd = 11 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 1 µA max (Ta = 25°C)




Similar Part No. - HD74HC21

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC21 RENESAS-HD74HC21 Datasheet
92Kb / 7P
Dual 4-input AND Gates
HD74HC21FPEL RENESAS-HD74HC21FPEL Datasheet
92Kb / 7P
Dual 4-input AND Gates
HD74HC21FPEL RENESAS-HD74HC21FPEL Datasheet
124Kb / 9P
Dual 4-input AND Gates
HD74HC21P RENESAS-HD74HC21P Datasheet
92Kb / 7P
Dual 4-input AND Gates
HD74HC21P RENESAS-HD74HC21P Datasheet
124Kb / 9P
Dual 4-input AND Gates
More results


Similar Description - HD74HC21

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74LS21 NSC-DM74LS21 Datasheet
120Kb / 6P
Dual 4-Input AND Gates
logo
List of Unclassifed Man...
GD74LS21 ETC1-GD74LS21 Datasheet
96Kb / 2P
DUAL 4-INPUT POSITIVE AND GATES
logo
Renesas Technology Corp
HD74LS21 RENESAS-HD74LS21 Datasheet
55Kb / 5P
Dual 4-input Positive AND Gates
HD74HC21 RENESAS-HD74HC21 Datasheet
92Kb / 7P
Dual 4-input AND Gates
logo
Unisonic Technologies
U74HC21 UTC-U74HC21 Datasheet
172Kb / 5P
DUAL 4-INPUT AND GATES
U74HCT21 UTC-U74HCT21 Datasheet
173Kb / 4P
DUAL 4-INPUT AND GATES
logo
Renesas Technology Corp
HD74HC21 RENESAS-HD74HC21_15 Datasheet
124Kb / 9P
Dual 4-input AND Gates
logo
Unisonic Technologies
U74HC21 UTC-U74HC21_15 Datasheet
165Kb / 5P
DUAL 4-INPUT AND GATES
U74HCT21 UTC-U74HCT21_15 Datasheet
173Kb / 4P
DUAL 4-INPUT AND GATES
U74AHC21 UTC-U74AHC21_15 Datasheet
161Kb / 4P
DUAL 4-INPUT AND GATES
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com