Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC21 Datasheet (PDF) - Renesas Technology Corp

HD74HC21 Datasheet PDF - Renesas Technology Corp
Part # HD74HC21
Download  HD74HC21 Download
File Size   92.09 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 4-input AND Gates

HD74HC21 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC21 Datasheet PDF - Renesas Technology Corp

Part # HD74HC21
Download  HD74HC21 Click to download

File Size   92.09 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 4-input AND Gates

HD74HC21 Datasheet (HTML) - Renesas Technology Corp


HD74HC21 Product details

Features

• High Speed Operation: tpd = 11 ns typ (CL = 50 pF)

• High Output Current: Fanout of 10 LSTTL Loads

• Wide Operating Voltage: VCC = 2 to 6 V

• Low Input Current: 1 µA max

• Low Quiescent Supply Current: ICC (static) = 1 µA max (Ta = 25°C)



 




Similar Part No. - HD74HC21

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC21 HITACHI-HD74HC21 Datasheet
45Kb / 8P
Dual 4-input AND Gates
logo
Renesas Technology Corp
HD74HC21FPEL RENESAS-HD74HC21FPEL Datasheet
124Kb / 9P
Dual 4-input AND Gates
HD74HC21P RENESAS-HD74HC21P Datasheet
124Kb / 9P
Dual 4-input AND Gates
HD74HC21RPEL RENESAS-HD74HC21RPEL Datasheet
124Kb / 9P
Dual 4-input AND Gates
HD74HC21TELL RENESAS-HD74HC21TELL Datasheet
124Kb / 9P
Dual 4-input AND Gates
More results


Similar Description - HD74HC21

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC21 HITACHI-HD74HC21 Datasheet
45Kb / 8P
Dual 4-input AND Gates
logo
National Semiconductor ...
DM74LS21 NSC-DM74LS21 Datasheet
120Kb / 6P
Dual 4-Input AND Gates
logo
List of Unclassifed Man...
GD74LS21 ETC1-GD74LS21 Datasheet
96Kb / 2P
DUAL 4-INPUT POSITIVE AND GATES
logo
Renesas Technology Corp
HD74LS21 RENESAS-HD74LS21 Datasheet
55Kb / 5P
Dual 4-input Positive AND Gates
logo
Unisonic Technologies
U74HC21 UTC-U74HC21 Datasheet
172Kb / 5P
DUAL 4-INPUT AND GATES
U74HCT21 UTC-U74HCT21 Datasheet
173Kb / 4P
DUAL 4-INPUT AND GATES
logo
Renesas Technology Corp
HD74HC21 RENESAS-HD74HC21_15 Datasheet
124Kb / 9P
Dual 4-input AND Gates
logo
Unisonic Technologies
U74HC21 UTC-U74HC21_15 Datasheet
165Kb / 5P
DUAL 4-INPUT AND GATES
U74HCT21 UTC-U74HCT21_15 Datasheet
173Kb / 4P
DUAL 4-INPUT AND GATES
U74AHC21 UTC-U74AHC21_15 Datasheet
161Kb / 4P
DUAL 4-INPUT AND GATES
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com