Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC21 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC21
Description  Dual 4-input AND Gates
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC21 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC21 Datasheet HTML 1Page - Renesas Technology Corp HD74HC21 Datasheet HTML 2Page - Renesas Technology Corp HD74HC21 Datasheet HTML 3Page - Renesas Technology Corp HD74HC21 Datasheet HTML 4Page - Renesas Technology Corp HD74HC21 Datasheet HTML 5Page - Renesas Technology Corp HD74HC21 Datasheet HTML 6Page - Renesas Technology Corp HD74HC21 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.2.00, Oct 06, 2005 page 1 of 6
HD74HC21
Dual 4-input AND Gates
REJ03D0542-0200
(Previous ADE-205-414)
Rev.2.00
Oct 06, 2005
Features
• High Speed Operation: t
pd = 11 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 1 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC21P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
—
HD74HC21FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
HD74HC21RPEL
SOP-14 pin (JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)
HD74HC21TELL
TSSOP-14 pin
PTSP0014JA-B
(TTP-14DV)
T
ELL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Function Table
Inputs
Output
A
B
C
D
Y
L
L
L
L
L
L
L
L
H
L
L
L
H
L
L
L
L
H
H
L
L
H
L
L
L
L
H
L
H
L
L
H
H
L
L
L
H
H
H
L
H
L
L
L
L
H
L
L
H
L
H
L
H
L
L
H
L
H
H
L
H
H
L
L
L
H
H
L
H
L
H
H
H
L
L
H
H
H
H
H
H :
High level
L :
Low level


Similar Part No. - HD74HC21

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC21 HITACHI-HD74HC21 Datasheet
45Kb / 8P
Dual 4-input AND Gates
logo
Renesas Technology Corp
HD74HC21FPEL RENESAS-HD74HC21FPEL Datasheet
124Kb / 9P
Dual 4-input AND Gates
HD74HC21P RENESAS-HD74HC21P Datasheet
124Kb / 9P
Dual 4-input AND Gates
HD74HC21RPEL RENESAS-HD74HC21RPEL Datasheet
124Kb / 9P
Dual 4-input AND Gates
HD74HC21TELL RENESAS-HD74HC21TELL Datasheet
124Kb / 9P
Dual 4-input AND Gates
More results

Similar Description - HD74HC21

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC21 HITACHI-HD74HC21 Datasheet
45Kb / 8P
Dual 4-input AND Gates
logo
National Semiconductor ...
DM74LS21 NSC-DM74LS21 Datasheet
120Kb / 6P
Dual 4-Input AND Gates
logo
List of Unclassifed Man...
GD74LS21 ETC1-GD74LS21 Datasheet
96Kb / 2P
DUAL 4-INPUT POSITIVE AND GATES
logo
Renesas Technology Corp
HD74LS21 RENESAS-HD74LS21 Datasheet
55Kb / 5P
Dual 4-input Positive AND Gates
logo
Unisonic Technologies
U74HC21 UTC-U74HC21 Datasheet
172Kb / 5P
DUAL 4-INPUT AND GATES
U74HCT21 UTC-U74HCT21 Datasheet
173Kb / 4P
DUAL 4-INPUT AND GATES
logo
Renesas Technology Corp
HD74HC21 RENESAS-HD74HC21_15 Datasheet
124Kb / 9P
Dual 4-input AND Gates
logo
Unisonic Technologies
U74HC21 UTC-U74HC21_15 Datasheet
165Kb / 5P
DUAL 4-INPUT AND GATES
U74HCT21 UTC-U74HCT21_15 Datasheet
173Kb / 4P
DUAL 4-INPUT AND GATES
U74AHC21 UTC-U74AHC21_15 Datasheet
161Kb / 4P
DUAL 4-INPUT AND GATES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com