Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE72218 Datasheet (PDF) - NEC

NE72218 Datasheet PDF - NEC
Part # NE72218
Download  NE72218 Download
File Size   60.16 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description C to X BAND AMPLIFIER C to X BAND OSC N-CHANNEL GaAs MES FET

NE72218 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE72218 Datasheet PDF - NEC

Part # NE72218
Download  NE72218 Click to download

File Size   60.16 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description C to X BAND AMPLIFIER C to X BAND OSC N-CHANNEL GaAs MES FET

NE72218 Datasheet (HTML) - NEC


NE72218 Product details

FEATURES
• High power gain in C to X band: GS = 4.5 dB TYP. @ f = 12 GHz
• Gate length : Lg = 0.8 µm
• Gate width : Wg = 400 µm
• 4-pin super minimold package
• Tape & reel packaging only available




Similar Part No. - NE72218

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE72218 CEL-NE72218 Datasheet
37Kb / 5P
C TO X BAND N-CHANNEL GaAs MESFET
NE72218-T1 CEL-NE72218-T1 Datasheet
37Kb / 5P
C TO X BAND N-CHANNEL GaAs MESFET
More results


Similar Description - NE72218

ManufacturerPart #DatasheetDescription
logo
NEC
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85002 NEC-NE85002 Datasheet
48Kb / 8P
2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-15D NEC-NEZ3642-15D Datasheet
69Kb / 12P
15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-4D NEC-NEZ3642-4D Datasheet
108Kb / 18P
4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE76084 NEC-NE76084 Datasheet
62Kb / 12P
C to Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
NE722S01 NEC-NE722S01 Datasheet
128Kb / 6P
NECs C TO X BAND N-CHANNEL GaAs MES FET
NE72118 NEC-NE72118 Datasheet
46Kb / 4P
C TO X BAND AMPLIFIER C TO X BAND OSC N-CHANNEL GaAs MESFET
logo
California Eastern Labs
NE72218 CEL-NE72218 Datasheet
37Kb / 5P
C TO X BAND N-CHANNEL GaAs MESFET
NE722S01 CEL-NE722S01 Datasheet
130Kb / 6P
NECs C TO X BAND N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com