Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE85002 Datasheet (PDF) - NEC

NE85002 Datasheet PDF - NEC
Part # NE85002
Download  NE85002 Download
File Size   48.93 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET

NE85002 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE85002 Datasheet PDF - NEC

Part # NE85002
Download  NE85002 Click to download

File Size   48.93 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 2 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET

NE85002 Datasheet (HTML) - NEC


NE85002 Product details

DESCRIPTION
The NE8500295 power GaAs FET covers 3.5 to 8.5 GHz frequency range with three different Class A, 2.0 W partially matched devices. Each packaged device has an input lumped element matching network.
NE8500200 is the six-cells recessed gate chip used in ‘95’ package.
The device incorporates Ti-Al gate and silicon dioxide glassivation. To reduce the thermal resistance, the device has a PHS. (Plated Heat Sink)
NEC’s strigent quality assurance and test procedures assure the highest reliability and performance.

FEATURES
• Class A operation
• High power output
• High reliability




Similar Part No. - NE85002

ManufacturerPart #DatasheetDescription
logo
NEC
NE85002 NEC-NE85002 Datasheet
60Kb / 6P
2 WATT C-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE85002 CEL-NE85002 Datasheet
61Kb / 6P
2 WATT C-BAND POWER GaAs MESFET
logo
Renesas Technology Corp
NE85002 RENESAS-NE85002 Datasheet
207Kb / 10P
GaAs MES FET
1996
logo
NEC
NE8500200 NEC-NE8500200 Datasheet
60Kb / 6P
2 WATT C-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE8500200 CEL-NE8500200 Datasheet
61Kb / 6P
2 WATT C-BAND POWER GaAs MESFET
More results


Similar Description - NE85002

ManufacturerPart #DatasheetDescription
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE85001 NEC-NE85001 Datasheet
41Kb / 6P
1 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-15D NEC-NEZ3642-15D Datasheet
69Kb / 12P
15 W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NEZ3642-4D NEC-NEZ3642-4D Datasheet
108Kb / 18P
4W/8W C-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
NES2427P-45 RENESAS-NES2427P-45 Datasheet
182Kb / 10P
N-CHANNEL GaAs MES FET 45 W S-BAND PUSH-PULL POWER GaAs MES FET
2000
NES1823P-70 RENESAS-NES1823P-70 Datasheet
182Kb / 10P
N-CHANNEL GaAs MES FET
2001
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com