Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2040H Datasheet (PDF) - STMicroelectronics

TDA2040H Datasheet PDF - STMicroelectronics
Part # TDA2040H
Download  TDA2040H Download
File Size   1362.46 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25-watt hi-fi audio power amplifier

TDA2040H Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA2040H Datasheet PDF - STMicroelectronics

Part # TDA2040H
Download  TDA2040H Click to download

File Size   1362.46 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25-watt hi-fi audio power amplifier

TDA2040H Datasheet (HTML) - STMicroelectronics


TDA2040H Product details

Description
The TDA2040 is a monolithic integrated circuit in the Pentawatt® package, intended for use as an audio class-AB amplifier. Typically, it provides 25 W output power into 4 Ω with THD = 0.5% at VS = 34 V. The TDA2040 provides high output current and has very low harmonic and crossover distortion. Furthermore, the device incorporates a patented short-circuit protection system comprising an arrangement for automatically limiting the dissipated power so as to keep the operating point of the output transistors within their safe operating range. A thermal shutdown system is also included.

Features
■ Wide-range supply voltage, up to 40 V
■ Single or split power supply
■ Short-circuit protection to ground




Similar Part No. - TDA2040H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2040 STMICROELECTRONICS-TDA2040 Datasheet
391Kb / 13P
20W Hi-Fi AUDIO POWER AMPLIFIER
17-Jul-2012
TDA2040V STMICROELECTRONICS-TDA2040V Datasheet
391Kb / 13P
20W Hi-Fi AUDIO POWER AMPLIFIER
17-Jul-2012
TDA2040 STMICROELECTRONICS-TDA2040_12 Datasheet
1Mb / 16P
25-watt hi-fi audio power amplifier
17-Jul-2012
More results


Similar Description - TDA2040H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2040 STMICROELECTRONICS-TDA2040 Datasheet
391Kb / 13P
20W Hi-Fi AUDIO POWER AMPLIFIER
17-Jul-2012
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
185Kb / 13P
32W Hi-Fi AUDIO POWER AMPLIFIER
Mar-1995
TDA2051 STMICROELECTRONICS-TDA2051 Datasheet
27Kb / 1P
40W Hi-Fi AUDIO POWER AMPLIFIER
Mar-1991
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
14W HI-FI AUDIO AMPLIFIER
logo
Wuxi Youda electronics ...
YD1008 YOUDA-YD1008 Datasheet
110Kb / 4P
22W HI-FI AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TDA2050 UTC-TDA2050 Datasheet
261Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2050 TGS-TDA2050 Datasheet
196Kb / 6P
32W Hi-Fi AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA2040 STMICROELECTRONICS-TDA2040_12 Datasheet
1Mb / 16P
25-watt hi-fi audio power amplifier
17-Jul-2012
logo
Unisonic Technologies
TDA2050 UTC-TDA2050_15 Datasheet
245Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
TDA2050 UTC-TDA2050_16 Datasheet
196Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com