Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2040H Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA2040H
Description  25-watt hi-fi audio power amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2040H Datasheet(HTML) 1 Page - STMicroelectronics

  TDA2040H Datasheet HTML 1Page - STMicroelectronics TDA2040H Datasheet HTML 2Page - STMicroelectronics TDA2040H Datasheet HTML 3Page - STMicroelectronics TDA2040H Datasheet HTML 4Page - STMicroelectronics TDA2040H Datasheet HTML 5Page - STMicroelectronics TDA2040H Datasheet HTML 6Page - STMicroelectronics TDA2040H Datasheet HTML 7Page - STMicroelectronics TDA2040H Datasheet HTML 8Page - STMicroelectronics TDA2040H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
July 2012
Doc ID 1460 Rev 6
1/16
16
TDA2040
25-watt hi-fi audio power amplifier
Datasheet
− production data
Features
■ Wide-range supply voltage, up to 40 V
■ Single or split power supply
■ Short-circuit protection to ground
■ Thermal shutdown
■ PO = 25 W @ THD = 0.5%, VS = ±17 V, RL= 4 Ω
■ PO = 30 W @ THD =10%, VS = ±17 V, RL = 4 Ω
Description
The TDA2040 is a monolithic integrated circuit in
the Pentawatt® package, intended for use as an
audio class-AB amplifier. Typically, it provides
25 W output power into 4
Ω with THD = 0.5% at
VS = 34 V. The TDA2040 provides high output
current and has very low harmonic and crossover
distortion. Furthermore, the device incorporates a
patented short-circuit protection system
comprising an arrangement for automatically
limiting the dissipated power so as to keep the
operating point of the output transistors within
their safe operating range. A thermal shutdown
system is also included.
Figure 1.
TDA2040 test circuit
Table 1.
Device summary
Order code
Package
TDA2040V
Pentawatt V (vertical)
Pentawatt V
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - TDA2040H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2040 STMICROELECTRONICS-TDA2040 Datasheet
391Kb / 13P
20W Hi-Fi AUDIO POWER AMPLIFIER
17-Jul-2012
TDA2040V STMICROELECTRONICS-TDA2040V Datasheet
391Kb / 13P
20W Hi-Fi AUDIO POWER AMPLIFIER
17-Jul-2012
TDA2040 STMICROELECTRONICS-TDA2040_12 Datasheet
1Mb / 16P
25-watt hi-fi audio power amplifier
17-Jul-2012
More results

Similar Description - TDA2040H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2040 STMICROELECTRONICS-TDA2040 Datasheet
391Kb / 13P
20W Hi-Fi AUDIO POWER AMPLIFIER
17-Jul-2012
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
185Kb / 13P
32W Hi-Fi AUDIO POWER AMPLIFIER
Mar-1995
TDA2051 STMICROELECTRONICS-TDA2051 Datasheet
27Kb / 1P
40W Hi-Fi AUDIO POWER AMPLIFIER
Mar-1991
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
14W HI-FI AUDIO AMPLIFIER
logo
Wuxi Youda electronics ...
YD1008 YOUDA-YD1008 Datasheet
110Kb / 4P
22W HI-FI AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TDA2050 UTC-TDA2050 Datasheet
261Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2050 TGS-TDA2050 Datasheet
196Kb / 6P
32W Hi-Fi AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA2040 STMICROELECTRONICS-TDA2040_12 Datasheet
1Mb / 16P
25-watt hi-fi audio power amplifier
17-Jul-2012
logo
Unisonic Technologies
TDA2050 UTC-TDA2050_15 Datasheet
245Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
TDA2050 UTC-TDA2050_16 Datasheet
196Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com