Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2040H Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA2040H
Description  25-watt hi-fi audio power amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2040H Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA2040H Datasheet HTML 7Page - STMicroelectronics TDA2040H Datasheet HTML 8Page - STMicroelectronics TDA2040H Datasheet HTML 9Page - STMicroelectronics TDA2040H Datasheet HTML 10Page - STMicroelectronics TDA2040H Datasheet HTML 11Page - STMicroelectronics TDA2040H Datasheet HTML 12Page - STMicroelectronics TDA2040H Datasheet HTML 13Page - STMicroelectronics TDA2040H Datasheet HTML 14Page - STMicroelectronics TDA2040H Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TDA2040
Applications
Doc ID 1460 Rev 6
11/16
3.2
Multiway speaker systems and active boxes
Multiway loudspeaker systems provide the best possible acoustic performance since each
loudspeaker is specially designed and optimized to handle a limited range of frequencies.
Commonly, these loudspeaker systems divide the audio spectrum into two, three or four
bands.
To maintain a flat frequency response over the hi-fi audio range the bands covered by each
loudspeaker must overlap slightly. Any imbalance between the loudspeakers produces
unacceptable results, therefore, it is important to ensure that each unit generates the correct
amount of acoustic energy for its segment of the audio spectrum. In this respect it is also
important to know the energy distribution of the music spectrum (see Figure 22) in order to
determine the cutoff frequencies of the crossover filters. As an example, a 100-W three-way
system with crossover frequencies of 400 Hz and 3 kHz would require 50 W for the woofer,
35 W for the midrange unit and 15 W for the tweeter.
Both active and passive filters can be used for crossovers but today active filters cost
significantly less than a good passive filter using air-cored inductors and non-electrolytic
capacitors. In addition, active filters do not suffer from the typical defects of passive filters:
●
power loss
●
increased impedance seen by the loudspeaker (lower damping)
●
difficulty of precise design due to variable loudspeaker impedance
Obviously, active crossovers can only be used if a power amplifier is provided for each drive
unit. This makes it particularly interesting and economically sound to use monolithic power
amplifiers.
In some applications, complex filters are not really necessary and simple RC low-pass and
high-pass networks (6 dB/octave) can be recommended. The results obtained are excellent
because this is the best type of audio filter and the only one free from phase and transient
distortion. The rather poor out-of-band attenuation of single RC filters means that the
loudspeaker must operate linearly well beyond the crossover frequency to avoid distortion.
Figure 21.
Frequency response
Figure 22.
Power distribution vs. frequency
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com