Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

761K Datasheet (PDF) - Switchcraft, Inc.

761K Datasheet PDF - Switchcraft, Inc.
Part # 761K
Download  761K Download
File Size   225.28 Kbytes
Page   1 Pages
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.
Description 0.10 2.5mm x 0.474LONG POWER PLUG W/LOCKRING, RoHS

761K Datasheet (PDF)

Go To PDF Page Download Datasheet
761K Datasheet PDF - Switchcraft, Inc.

Part # 761K
Download  761K Click to download

File Size   225.28 Kbytes
Page   1 Pages
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.
Description 0.10 2.5mm x 0.474LONG POWER PLUG W/LOCKRING, RoHS

761K Datasheet (HTML) - Switchcraft, Inc.




Similar Part No. - 761K

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
761KH SWITCH-761KH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
761KS12 SWITCH-761KS12 Datasheet
401Kb / 4P
IP68/ NEMA 250 (6P) Sealed Power Plug and Jack
761KS15 SWITCH-761KS15 Datasheet
401Kb / 4P
IP68/ NEMA 250 (6P) Sealed Power Plug and Jack
761KS17 SWITCH-761KS17 Datasheet
401Kb / 4P
IP68/ NEMA 250 (6P) Sealed Power Plug and Jack
761KSH12 SWITCH-761KSH12 Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
More results


Similar Description - 761K

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
RAPC712 SWITCH-RAPC712 Datasheet
79Kb / 1P
POWER JACK, PC MOUNT 0.10 [2.5mm] PIN
RASH712 SWITCH-RASH712 Datasheet
140Kb / 2P
POWER JACK, HYBRID MOUNT 0.10 [2.5mm] PIN
RASH712P SWITCH-RASH712P Datasheet
144Kb / 2P
POWER JACK, HYBRID MOUNT 0.10 [2.5mm] PIN
RASM712 SWITCH-RASM712 Datasheet
95Kb / 1P
POWER JACK, SURFACE MOUNT 0.10 [2.5mm] PIN
RASM712P SWITCH-RASM712P Datasheet
101Kb / 1P
POWER JACK, SURFACE MOUNT 0.10 [2.5mm] PIN
S760 SWITCH-S760 Datasheet
210Kb / 1P
0.08 2mm x 0.374 LONG POWER PLUG, RoHS
S760K SWITCH-S760K Datasheet
222Kb / 1P
0.08 2.0mm x 0.374 LONG POWER PLUG W/LOCKRING, RoHS
logo
List of Unclassifed Man...
JR8307-1.5M ETC2-JR8307-1.5M Datasheet
211Kb / 1P
2.5mm DC Plug to 2.5mm DC Jack
logo
CUI INC
SP-2501 CUI-SP-2501 Datasheet
31Kb / 1P
2.5mm STEREO PLUG
logo
Exxelia Group
PLP5 EXXELIA-PLP5 Datasheet
295Kb / 7P
RoHS = W
Version 04/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com