Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S760K Datasheet (PDF) - Switchcraft, Inc.

S760K Datasheet PDF - Switchcraft, Inc.
Part # S760K
Download  S760K Download
File Size   222.95 Kbytes
Page   1 Pages
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.
Description 0.08 2.0mm x 0.374 LONG POWER PLUG W/LOCKRING, RoHS

S760K Datasheet (PDF)

Go To PDF Page Download Datasheet
S760K Datasheet PDF - Switchcraft, Inc.

Part # S760K
Download  S760K Click to download

File Size   222.95 Kbytes
Page   1 Pages
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.
Description 0.08 2.0mm x 0.374 LONG POWER PLUG W/LOCKRING, RoHS

S760K Datasheet (HTML) - Switchcraft, Inc.




Similar Part No. - S760K

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
S760KH SWITCH-S760KH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
S760KH SWITCH-S760KH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
More results


Similar Description - S760K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-220 SANYO-STK401-220 Datasheet
186Kb / 7P
2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK4121V SANYO-STK4121V Datasheet
59Kb / 3P
AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.08 %)
STK4131V SANYO-STK4131V Datasheet
51Kb / 3P
AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.08%)
logo
Switchcraft, Inc.
RAPC722 SWITCH-RAPC722 Datasheet
79Kb / 1P
POWER JACK, PC MOUNT 0.08 [2.0mm] PIN
RASH722 SWITCH-RASH722 Datasheet
138Kb / 2P
POWER JACK, HYBRID MOUNT 0.08 [2.0mm] PIN
RASH722P SWITCH-RASH722P Datasheet
144Kb / 2P
POWER JACK, HYBRID MOUNT 0.08 [2.0mm] PIN
RASM722 SWITCH-RASM722 Datasheet
95Kb / 1P
POWER JACK, SURFACE MOUNT 0.08 [2.0mm] PIN
RASM722P SWITCH-RASM722P Datasheet
101Kb / 1P
POWER JACK, SURFACE MOUNT 0.08 [2.0mm] PIN
761K SWITCH-761K Datasheet
225Kb / 1P
0.10 2.5mm x 0.474LONG POWER PLUG W/LOCKRING, RoHS
S760 SWITCH-S760 Datasheet
210Kb / 1P
0.08 2mm x 0.374 LONG POWER PLUG, RoHS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com