Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-2050 Datasheet (PDF) - Holtek Semiconductor Inc

HT-2050 Datasheet PDF - Holtek Semiconductor Inc
Part # HT-2050
Download  HT-2050 Download
File Size   231.9 Kbytes
Page   5 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description FIVE LAMP/LED FLASH DRIVER

HT-2050 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT-2050 Datasheet PDF - Holtek Semiconductor Inc

Part # HT-2050
Download  HT-2050 Click to download

File Size   231.9 Kbytes
Page   5 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description FIVE LAMP/LED FLASH DRIVER

HT-2050 Datasheet (HTML) - Holtek Semiconductor Inc


HT-2050 Product details

General Description —
The HT–2050 is a low cost, low-power C-MOS LSI designed for lamp and LED flash driver. It has five flash outputs with 10mA drive capability that can implement random or sequence flashing function controlled by one option pin. It only requires one external resistor for typical application. It is very suitable for the use of the flash products such as disco glasses, disco hat, gift card, X’mas decoration and so forth.

Features —
• C-MOS Metal-Gate Process.
• Operating voltage: 1.2V ~ 4.5V.
• Low stand-by current: 1µA at 3V.
• Five lamp flash driver with 10mA driving capability.
• Random or sequence flash selection
• toggle on/off control function.
• 1/10 duty cycle output.
• Built-in oscillator.
• Minimum external components.




Similar Part No. - HT-2050

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HT-20-3 HIROSE-HT-20-3 Datasheet
305Kb / 5P
Stripline Mounting Non-reflective Terminations
logo
Holtek Semiconductor In...
HT-2070A HOLTEK-HT-2070A Datasheet
199Kb / 4P
LOTTO FLASH DRIVER
More results


Similar Description - HT-2050

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT201XX HOLTEK-HT201XX Datasheet
69Kb / 4P
One Lamp/LED Flash Driver
10th June 97
logo
Sanyo Semicon Device
LA6560 SANYO-LA6560 Datasheet
105Kb / 9P
Five-Channel Driver
LA6574D SANYO-LA6574D Datasheet
79Kb / 8P
Five-Channel Driver
logo
Integrated Silicon Solu...
IS31BL3231 ISSI-IS31BL3231 Datasheet
444Kb / 9P
FLASH LED DRIVER
IS31BL3232 ISSI-IS31BL3232 Datasheet
404Kb / 11P
FLASH LED DRIVER
IS31BL3231-DLS2 ISSI-IS31BL3231-DLS2 Datasheet
389Kb / 13P
FLASH LED DRIVER
IS31BL3232-DLS2 ISSI-IS31BL3232-DLS2 Datasheet
404Kb / 11P
FLASH LED DRIVER
logo
IXYS Corporation
LDS8620 IXYS-LDS8620 Datasheet
245Kb / 12P
200 mA, Dual Output LED Flash/Lamp Driver
LDS8621 IXYS-LDS8621 Datasheet
208Kb / 8P
200 mA, Dual Output LED Flash/Lamp Driver
logo
Shanghai awinic technol...
AW3641E AWINIC-AW3641E Datasheet
2Mb / 25P
Flash-current circuit adjustment 1 A flash lamp LED driver chip
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com