Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDS8621 Datasheet (PDF) - IXYS Corporation

LDS8621 Datasheet PDF - IXYS Corporation
Part # LDS8621
Download  LDS8621 Download
File Size   208.71 Kbytes
Page   8 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description 200 mA, Dual Output LED Flash/Lamp Driver

LDS8621 Datasheet (PDF)

Go To PDF Page Download Datasheet
LDS8621 Datasheet PDF - IXYS Corporation

Part # LDS8621
Download  LDS8621 Click to download

File Size   208.71 Kbytes
Page   8 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description 200 mA, Dual Output LED Flash/Lamp Driver

LDS8621 Datasheet (HTML) - IXYS Corporation




Similar Part No. - LDS8621

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8620 IXYS-LDS8620 Datasheet
245Kb / 12P
200 mA, Dual Output LED Flash/Lamp Driver
More results


Similar Description - LDS8621

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT-2050 HOLTEK-HT-2050 Datasheet
231Kb / 5P
FIVE LAMP/LED FLASH DRIVER
DEC.29.1993
HT201XX HOLTEK-HT201XX Datasheet
69Kb / 4P
One Lamp/LED Flash Driver
10th June 97
logo
NXP Semiconductors
SSL3250A NXP-SSL3250A Datasheet
147Kb / 26P
Photo flash dual LED driver
Rev. 03-30 June 2009
SSL3250A_0912 NXP-SSL3250A_0912 Datasheet
230Kb / 26P
Photo flash dual LED driver
Rev. 05-16 December 2009
logo
ON Semiconductor
CAT3612 ONSEMI-CAT3612 Datasheet
171Kb / 13P
Programmable 300 mA Camera Flash LED Driver
April, 2010 ??Rev. 2
CAT4134 ONSEMI-CAT4134 Datasheet
235Kb / 12P
500 mA Dual Channel Movie/Flash LED Driver
February, 2010 ??Rev. 2
logo
Analog Devices
ADP1660 AD-ADP1660 Datasheet
620Kb / 28P
Dual 750 mA LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
IXYS Corporation
LDS8620 IXYS-LDS8620 Datasheet
245Kb / 12P
200 mA, Dual Output LED Flash/Lamp Driver
LDS8680 IXYS-LDS8680 Datasheet
412Kb / 12P
800 mA White LED Driver for Photo Flash
LDS8681 IXYS-LDS8681 Datasheet
396Kb / 9P
800 mA, Dual Output LED Flash/PWM Dimming Lamp Driver
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com