Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDS8621 Datasheet(PDF) 7 Page - IXYS Corporation

Part # LDS8621
Description  200 mA, Dual Output LED Flash/Lamp Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8621 Datasheet(HTML) 7 Page - IXYS Corporation

  LDS8621 Datasheet HTML 1Page - IXYS Corporation LDS8621 Datasheet HTML 2Page - IXYS Corporation LDS8621 Datasheet HTML 3Page - IXYS Corporation LDS8621 Datasheet HTML 4Page - IXYS Corporation LDS8621 Datasheet HTML 5Page - IXYS Corporation LDS8621 Datasheet HTML 6Page - IXYS Corporation LDS8621 Datasheet HTML 7Page - IXYS Corporation LDS8621 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LDS8621
© 2009 IXYS Corp.
7
Doc. No. 8621DS, Rev. N1.0
Characteristics subject to change without notice
ORDERING INFORMATION
Part Number
Package
Package Marking
LDS8621 002-T2
TQFN-16 3 x 3mm
(1)
8621
Notes:
1.
Matte-Tin Plated Finish (RoHS-compliant)
2.
Quantity per reel is 2000
EXAMPLE OF ORDERING INFORMATION
Notes:
1)
All packages are RoHS-compliant (Lead-free, Halogen-free).
2)
The standard lead finish is Matte-Tin.
3)
The device used in the above example is a LDS8621 002–T2 ( 3x3 TQFN, Tape & Reel).
4)
For additional package and temperature options, please contact your nearest IXYS Corp. Sales office.
Optional
Company ID
Package
002: 3x3 TQFN
Prefix
Device #
Suffix
LDS
8621
002
T2
Product Number
Tape & Reel
T: Tape & Reel
2: 2000/Reel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com