Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDS8621 Datasheet(PDF) 3 Page - IXYS Corporation

Part # LDS8621
Description  200 mA, Dual Output LED Flash/Lamp Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8621 Datasheet(HTML) 3 Page - IXYS Corporation

  LDS8621 Datasheet HTML 1Page - IXYS Corporation LDS8621 Datasheet HTML 2Page - IXYS Corporation LDS8621 Datasheet HTML 3Page - IXYS Corporation LDS8621 Datasheet HTML 4Page - IXYS Corporation LDS8621 Datasheet HTML 5Page - IXYS Corporation LDS8621 Datasheet HTML 6Page - IXYS Corporation LDS8621 Datasheet HTML 7Page - IXYS Corporation LDS8621 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LDS8621
© 2009 IXYS Corp.
3
Doc. No. 8621DS, Rev. N1.0
Characteristics subject to change without notice
PIN DESCRIPTION
Pin #
Name
Function
1
NC
No connect
2
LEDA
LED A cathode terminal
3
LEDB
LED B cathode terminal
4 - 6
NC
No connect
7
VOUT
Charge pump output connected to the LED anodes
8
VIN
Charge pump input, connect to battery or supply
9
C1+
Bucket capacitor 1 Positive terminal
10
C1-
Bucket capacitor 1 Negative terminal
11
C2+
Bucket capacitor 2 Positive terminal
12
C2-
Bucket capacitor 2 Negative terminal
13
PWM2
LEDB PWM brightness control
14
PWM1
LEDA PWM brightness control
15, 16
GND
Ground Reference, Connect both pins to GND
Top view: TQFN 16-lead 3 X 3 mm
PAD
PAD
Connect to GND on the PCB
PIN FUNCTION
VIN is the supply pin for the charge pump. A small 1μF
ceramic bypass capacitor is required between the Vin
pin and ground near the device. The operating input
voltage range is from 2.5V to 5.5V. Whenever the
input supply falls below the under-voltage threshold
(1.8V), all the LED channels are disabled and the
device enters shutdown mode.
VOUT is the charge pump output that is connected to
the LED anodes. A small 1μF ceramic bypass
capacitor is required between the VOUT pin and
ground near the device.
GND is the ground reference for the charge pump.
The pin must be connected to the ground plane on
the PCB.
C1+, C1- are connected to each side of the ceramic
bucket capacitor C1
C2+, C2- are connected to each side of the ceramic
bucket capacitor C2
LEDA and LEDB provide the internal regulated
current source for each of the LED cathodes. These
pins
enter
high-impedance
zero
current
state
whenever the device is in shutdown mode.
PAD is the exposed pad underneath the package.
For best thermal performance, the pad should be
soldered to the PCB and connected to the ground
plane
PWM1, PWM2 are the enable and PWM LED
brightness control logic inputs. Guaranteed levels of
logic high and logic low are set at 1.3 V and 0.4 V
respectively. When any of PWM pins is taken high,
the device becomes enabled with maximum LED
current at associated LED. To place the LDS8621
into zero current mode, both PWM pins must be held
low for more than 30 ms.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com