Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDS8621 Datasheet(PDF) 1 Page - IXYS Corporation

Part # LDS8621
Description  200 mA, Dual Output LED Flash/Lamp Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8621 Datasheet(HTML) 1 Page - IXYS Corporation

  LDS8621 Datasheet HTML 1Page - IXYS Corporation LDS8621 Datasheet HTML 2Page - IXYS Corporation LDS8621 Datasheet HTML 3Page - IXYS Corporation LDS8621 Datasheet HTML 4Page - IXYS Corporation LDS8621 Datasheet HTML 5Page - IXYS Corporation LDS8621 Datasheet HTML 6Page - IXYS Corporation LDS8621 Datasheet HTML 7Page - IXYS Corporation LDS8621 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LDS8621
© 2009 IXYS Corp.
1
Doc. No. 8621DS, Rev. N1.0
Characteristics subject to change without notice
200 mA, Dual Output LED Flash/Lamp Driver
FEATURES
o
Multi-mode charge pump: 1x, 1.33x, 1.5x, 2x
o
Ultra low dropout PowerLite
™ Current
Regulator*
o
Drives two high-current LEDs up to 96 mA
each
o
PWM brightness control
o
Power efficiency up to 95%
o
Low noise input ripple in all modes
o
Low current shutdown mode
o
Soft start and current limiting
o
Short circuit protection
o
Thermal shutdown protection
o
Tiny 3 x 3 x 0.8 mm 16-pin TQFN package
APPLICATION
o
LED Light Supply for Smart Phones, PDAs,
and Cell Phones
o
LED Flashlights
o
LED Flash/Strobe Applications
DESCRIPTION
The
LDS8621
is
a
high
efficiency multi-mode
fractional charge pump with ultra low feedback
voltage that can drive up to two high-current LEDs.
The inclusion of a 1.33x fractional charge pump
mode and ultra low dropout PowerLite
™ Current
Regulator increases device’s efficiency up to 95%.
New mode requires no additional external capacitors.
The PWM1/PWM2 logic inputs function as a chip
enable and a PWM mode LED brightness control.
PWM1 pin controls LED A, while PWM2 controls
bank LED B.
The maximum LEDs current value is factory preset to
96 mA. Other current values are available upon
request. Each LED may be programmed separately.
Low noise input ripple is achieved by operating at a
constant switching frequency which allows the use of
small
external
ceramic
capacitors.
The
multi-
fractional charge pump supports a wide range of
input voltages from 2.7V to 5.5V.
The device is available in in 16-lead TQFN 3mm x
3mm package with a max height of 0.8mm.
TYPICAL APPLICATION CIRCUIT


Similar Part No. - LDS8621

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8620 IXYS-LDS8620 Datasheet
245Kb / 12P
200 mA, Dual Output LED Flash/Lamp Driver
More results

Similar Description - LDS8621

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT-2050 HOLTEK-HT-2050 Datasheet
231Kb / 5P
FIVE LAMP/LED FLASH DRIVER
DEC.29.1993
HT201XX HOLTEK-HT201XX Datasheet
69Kb / 4P
One Lamp/LED Flash Driver
10th June 97
logo
NXP Semiconductors
SSL3250A NXP-SSL3250A Datasheet
147Kb / 26P
Photo flash dual LED driver
Rev. 03-30 June 2009
SSL3250A_0912 NXP-SSL3250A_0912 Datasheet
230Kb / 26P
Photo flash dual LED driver
Rev. 05-16 December 2009
logo
ON Semiconductor
CAT3612 ONSEMI-CAT3612 Datasheet
171Kb / 13P
Programmable 300 mA Camera Flash LED Driver
April, 2010 ??Rev. 2
CAT4134 ONSEMI-CAT4134 Datasheet
235Kb / 12P
500 mA Dual Channel Movie/Flash LED Driver
February, 2010 ??Rev. 2
logo
Analog Devices
ADP1660 AD-ADP1660 Datasheet
620Kb / 28P
Dual 750 mA LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
IXYS Corporation
LDS8620 IXYS-LDS8620 Datasheet
245Kb / 12P
200 mA, Dual Output LED Flash/Lamp Driver
LDS8680 IXYS-LDS8680 Datasheet
412Kb / 12P
800 mA White LED Driver for Photo Flash
LDS8681 IXYS-LDS8681 Datasheet
396Kb / 9P
800 mA, Dual Output LED Flash/PWM Dimming Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com