Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDS8621 Datasheet(PDF) 2 Page - IXYS Corporation

Part # LDS8621
Description  200 mA, Dual Output LED Flash/Lamp Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS8621 Datasheet(HTML) 2 Page - IXYS Corporation

  LDS8621 Datasheet HTML 1Page - IXYS Corporation LDS8621 Datasheet HTML 2Page - IXYS Corporation LDS8621 Datasheet HTML 3Page - IXYS Corporation LDS8621 Datasheet HTML 4Page - IXYS Corporation LDS8621 Datasheet HTML 5Page - IXYS Corporation LDS8621 Datasheet HTML 6Page - IXYS Corporation LDS8621 Datasheet HTML 7Page - IXYS Corporation LDS8621 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LDS8621
© 2009 IXYS Corp.
2
Doc. No. 8621DS, Rev. N1.0
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Vin, LEDx, C1±, C2± voltage
6
V
Vout voltage
6.5
V
EN/SET voltage
Vin + 0.7V
V
Storage Temperature Range
-65 to +160
°C
Junction Temperature Range
-40 to +125
°C
Soldering Temperature
300
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Rating
Unit
Vin
2.7 to 5.5
V
Ambient Temperature Range
-40 to +85
°C
ILED per LED pin
0 to 96
mA
Total Output Current
0 to 192
mA
Typical application circuit with external components is shown on page 1.
ELECTRICAL OPERATING CHARACTERISTICS
(Over recommended operating conditions unless specified otherwise) Vin = 3.6V, Cin = Cout = 1µF, C1 = C2 =
0.22 µF, EN = High, TAMB = 25°C
Name
Conditions
Min
Typ
Max
Units
1x mode
1.5
1.33 x mode
3.5
1.5x mode@ 3V
5.5
Quiescent Current
2x mode @ 2.7V
6.5
mA
Shutdown Current
VEN = 0V
1
µA
LED Current Accuracy
1.5 mA
≤Iled ≤96 mA
±3
%
LED Channel Matching
(ILED - ILEDAVG) / ILEDAVG
±3
%
1x mode
0.7
1.33x mode
3.5
1.5x mode
5.5
Output Resistance (open loop)
2x mode
6.5
Ω
1.33x and 2x mode
0.8
Charge Pump Frequency
1.5x mode
1.1
MHz
Output short circuit Current Limit
Vout < 0.5V
35
mA
Input Current Limit
Vout > 1V
450
mA
1x to 1.33x, 1.33x to 1.5x, or 1.5x to 2x
Transition Thresholds at any LED pin
ILEDA,B = 60 mA
50
mV
1.33x to 1x Mode Transition Hysteresis
600
mV
Transition Filter Delay
800
µs
Input Leakage
-1
1
µA
High
1.3
PWM1,
PWM2
Pins
Logic Level
Low
0.4
V
Thermal Shutdown, TSD
150
Thermal Hysteresis, TSD_HS
20
°C
Under Voltage Lockout (UVLO)
Threshold
2.1
V
Over Voltage Protection
6.2
V
PWM frequency
100
100000
Hz
PWM duty cycle
1
100
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com