Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1627 Datasheet (PDF) - Holtek Semiconductor Inc

HT1627 Datasheet PDF - Holtek Semiconductor Inc
Part # HT1627
Download  HT1627 Download
File Size   151.6 Kbytes
Page   17 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description RAM Mapping 64x16 LCD Controller for I/O C

HT1627 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT1627 Datasheet PDF - Holtek Semiconductor Inc

Part # HT1627
Download  HT1627 Click to download

File Size   151.6 Kbytes
Page   17 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description RAM Mapping 64x16 LCD Controller for I/O C

HT1627 Datasheet (HTML) - Holtek Semiconductor Inc


HT1627 Product details

General Description
HT1627 is a peripheral device specially designed for I/O type C used to expand the display capability. The max. display segment of the device are 1024 patterns (6416). It also supports serial interface, buzzer sound, Watchdog Timer or time base timer functions. The HT1627 is a memory mapping and multi-function LCD controller.

Features
• Operating voltage: 2.7V~5.2V
• Built-in RC oscillator
• 1/5 bias, 1/16 duty, frame frequency is 64Hz
• Max. 64x16 patterns, 16 commons, 64 segments
• Built-in internal resistor type bias generator
• 3-wire serial interface
• 8 kinds of time base /WDT selection
• Time base or WDT overflow output
• Built-in LCD display RAM
• R/W address auto increment
• Two selection buzzer frequencies (2kHz/4kHz)
• Power down command reduces power consumption
• Software configuration feature
• Data mode and Command mode instructions
• Three data accessing modes
• VLCD pin to adjust LCD operating voltage
• Cascade application




Similar Part No. - HT1627

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16270 HOLTEK-HT16270 Datasheet
151Kb / 17P
RAM Mapping 64 x16 LCD Controller for I/O C
April 21, 2000
More results


Similar Description - HT1627

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1620 HOLTEK-HT1620 Datasheet
180Kb / 17P
RAM Mapping 32x4 LCD Controller for I/O C
July 26, 1999
HT1621 HOLTEK-HT1621 Datasheet
167Kb / 20P
RAM Mapping 32x4 LCD Controller for I/O C
April 21, 2000
HT16220 HOLTEK-HT16220 Datasheet
148Kb / 17P
RAM Mapping 32x8 LCD Controller for I/O C
April 21, 2000
HT1623 HOLTEK-HT1623 Datasheet
155Kb / 18P
RAM Mapping 48x8 LCD Controller for I/O C
April 21, 2000
HT1625 HOLTEK-HT1625 Datasheet
153Kb / 17P
RAM Mapping 64x 8 LCD Controller for I/O C
April 21, 2000
HT1626 HOLTEK-HT1626 Datasheet
152Kb / 17P
RAM Mapping 48x16 LCD Controller for I/O C
April 21, 2000
HT16270 HOLTEK-HT16270 Datasheet
151Kb / 17P
RAM Mapping 64 x16 LCD Controller for I/O C
April 21, 2000
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
RAM Mapping 32x4 LCD Controller for I/O MCU
August 6, 2003
HT1620 HOLTEK-HT1620_07 Datasheet
156Kb / 14P
RAM Mapping 32x4 LCD Controller for I/O MCU
March 27, 2007
HT1622 HOLTEK-HT1622_07 Datasheet
155Kb / 13P
RAM Mapping 32x8 LCD Controller for I/O MCU
February 6, 2007
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com